Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-PC-111 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HR30-PC-111
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HR30-PC-111 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HR30-PC-111 Datasheet HTML 1Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 2Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 3Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 4Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 5Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 6Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 7Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 8Page - List of Unclassifed Manufacturers HR30-PC-111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Applicable cable diameter range
4.2 to 5
3.5 to 4.3
6.2 to 7
3
sPlugs
qCrimp Type
qSolder Type
A(Fully tightened)
Applicable
cable diameter
A(Fully tightened)
Applicable
cable diameter
1
2
3
4
5
6
Part Number
HR30-6P-3S(71)
HR30-6P-6S(71)
HR30-6P-6P(71)
HR30-6PA-3S(71)
HR30-6PA-6S(71)
HR30-6PA-6P(71)
HR30-7P-12S(71)
HR30-8P-12P(71)
CL No.
130-0004-1-71
130-0010-4-71
130-0009-5-71
130-0021-0-71
130-0019-9-71
130-0020-8-71
130-0027-7-71
130-0026-4-71
Weight
RoHS
A
B
Solder pot inner diameter
1.1 mm
0.8 mm
1.1 mm
0.8 mm
29.8
30.3
29.8
30.3
HR30-7P-12SC (Shown)
Shown with terminated and installed contacts.
Note: Crimp contacts are not included. Please order applicable contacts separately.
HR30-6P-6S (Shown)
4g
YES
6.7g
Part Number
HR30-7P-10SC(71)
HR30-7P-12SC(71)
HR30-8P-12PC(71)
CL No.
130-0013-2-71
130-0014-5-71
130-0015-8-71
Weight
RoHS
Applicable cable diameter range
A
Crimp contact
HR30-SC-211
HR30-PC-211
6.2 to 7
6g
YES
12.6
39.8
15.5
0.6 mm
39.8
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-PC-111

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-PC-111 HIROSE-HR30-PC-111 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-PC-111

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com