Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-7J-10PC-T01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HR30-7J-10PC-T01
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HR30-7J-10PC-T01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HR30-7J-10PC-T01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HR30-7J-10PC-T01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Miniature Waterproof Plastic Connectors
HR30 Series
NEW
2006.5
sFeatures
1. Small size
Short in length when fully terminated and mated.
2. Water and dust protected
IP67 protection rating: Complete protection against dust
penetration and against water penetration when
submerged 1 meter deep for half hour. Mated with
corresponding connector or protective cap.
3. Simple pull lock release
Built-in lock/release mechanism securely locks mated
connectors while allowing quick disconnection by simply
pulling on the plug’s release collar. Molded-in grooves
prevent hand slippage when pulled.
The round configuration of the collar allows easy side-by-
side panel mounting and will not snag on objects when
the cable is pulled-out.
4. Light weight, corrosion resistant
Glass reinforced thermoplastic compounds and non-
corrosive components are used in all assemblies.
5. Contact protection and self- alignment
Multiple polarizing keys protect the contacts from miss-
alignment or attempted insertion of the wrong connector,
while assuring correct mating between the corresponding
connectors.
6. Visual alignment indicators
Permanent alignment indicators in a contrasting color on
all connectors aid in correct alignment and engagement.
7. Built-in cable strain relief
sApplications
Test and measuring equipment, portable devices,
instrumentation, industrial devices, recreational equipment,
I/O applications and other applications requiring use of
lightweight, corrosion resistant quick mate/ release cable
connections.
Push-pull- single action lock
42.1
32.3
3 and 6 pos.
10 and 12 pos.
Mated dimensions
Lock/release operation
Alignment marks
Polarized interface
Push-pull locking collar
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-7J-10PC-T01

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-7J-10PC-T01 HIROSE-HR30-7J-10PC-T01 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-7J-10PC-T01

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com