Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF04D4812A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DF04D4812A
Description  4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DF04D4812A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DF04D4812A Datasheet HTML 1Page - Delta Electronics, Inc. DF04D4812A Datasheet HTML 2Page - Delta Electronics, Inc. DF04D4812A Datasheet HTML 3Page - Delta Electronics, Inc. DF04D4812A Datasheet HTML 4Page - Delta Electronics, Inc. DF04D4812A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF04S/D Series
4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS_DF04S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 85%
DIP Package with Industry Standard Pinout
Short Circuit Protection
4:1 Wide Input Range
UL60950-1 Safety Approval
Complies with EN55022 Class A
Temperature Performance -40
℃ to +71℃
1500VDC Voltage Isolation
Internal SMD Construction
Lead free, RoHs Compliant
3 Years Product Warranty
The DF04S/D series are miniature, DIP Package, isolated 4W DC/DC converters. It allows a wide over input voltage ranges of
9-36VDC and 18-75VDC. It alos offers short circuit protection and allows a wide operating temperature range of –40°C to +71°C.
These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ―
Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DF04S2403A
3.3
900
90
161
77
DF04S2405A
5
660
66
170
81
DF04S2412A
12
333
33
201
83
DF04S2415A
15
267
27
201
3000
83
DF04D2405A
±5
±300
±30
156
80
DF04D2412A
±12
±167
±17
201
83
DF04D2415A
24
(9 ~ 36)
±15
±133
±13
201
20
5
680*
83
DF04S4803A
3.3
900
90
79
78
DF04S4805A
5
660
66
84
82
DF04S4812A
12
333
33
98
85
DF04S4815A
15
267
27
98
3000
85
DF04D4805A
±5
±300
±30
76
82
DF04D4812A
±12
±167
±17
98
85
DF04D4815A
48
(18 ~ 75)
±15
±133
±13
98
10
5
680*
85
* For each output
P1


Similar Part No. - DF04D4812A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DF04D4812A DELTA-DF04D4812A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DF04D4812A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DF04S DELTA-DF04S Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com