Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM3R3300SFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DIM3R3300SFA
Description  Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DIM3R3300SFA_14 Datasheet HTML 1Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFA_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRELIMINARY DATASHEET
DS_DIM3R3_03252009
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Input voltage turn-on threshold (2mS/div):
CH1: Vin (VRTN_AF reference to -48V_AF, 10V/div).
CH2: Iin (-48V_AF, 2A/div).
CH3: VRTN_OUT reference to –48V_OUT (10V/div).
Test conditions:
(1) Feed A=37Vdc (Von slew rate= 0.1V/ms); Feed B=0Vdc
(2) I(VRTN_OUT)=1A, I(3.3V)=0A,I(5V BLUE_LED_PWR)=0A.
(3) C2=220uF, C_hold=220uF
Figure 2: Input voltage turn-off threshold (2mS/div):
CH1: Vin (VRTN_AF reference to -48V_AF, 10V/div).
CH2: Iin (-48V_AF, 2A/div).
CH3: VRTN_OUT reference to. –48V_OUT (10V/div).
Test conditions:
(1) Feed A=37Vdc (Voff slew rate= 0.3V/ms); Feed B=0Vdc
(2) I(VRTN_OUT)=1A,I(3.3V)=0A,I(5V BLUE_LED PWR)=0A.
(3) C2=220uF, C_hold=220uF
Figure 3: Inrush current (2mS/div):
CH1: Vin (VRTN_AF reference to -48V_AF, 10V/div).
CH2: Iin (-48V_AF, 2A/div).
CH3: VRTN_OUT reference to –48V_OUT (10V/div).
Test conditions:
(1) Feed A=48Vdc, Feed B=0Vdc.
(2) I(VRTN_OUT)=1A, I(3.3V)=0A, I(5V BLUE_LED PWR)=0A.
(3) C2=220uF, C_hold=220uF
Figure 4: Oring for one feed loss (500µS/div):
CH1: IinA (2A/div)
CH2: IinB (2A/div).
CH3: VRTN_OUT reference to –48V_OUT (10V/div).
CH4: VMGMT_PWR (1V/div).
Test conditions:
(1) Feed A=60V, Feed B=48V;
(2) Q48SH12025: I(12 Vout)=22.5A, I(3.3V)=2.5A,
I(5V BLUE_LED PWR)=0A.
(3) C2=220uF, C_hold=220uF
CH 1
CH 2
CH 3
CH 1
CH 2
CH 3
CH 1
CH 2
CH 3
CH 4
CH 1
CH 2
CH 3


Similar Part No. - DIM3R3300SFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
More results

Similar Description - DIM3R3300SFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
456Kb / 13P
   Delphi E36SR Series DC/DC Power Modules
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com