Electronic Components Datasheet Search |
|
DH06S4805A Datasheet(PDF) 1 Page - Delta Electronics, Inc. |
|
DH06S4805A Datasheet(HTML) 1 Page - Delta Electronics, Inc. |
1 / 5 page 2 DH06S/D Series 6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range DS_DH06S/D_07162012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc P1 FEATURES Efficiency up to 84%e DIP Package with Industry Standard Pinout 2:1 Wide Input Range Operating Temperature Range -40°C to +85°C Short Circuit Protection Overload Protection Isolation Voltage 1500VDC /3000VDC(Optional) Complies with EN 55022 Class A Lead free, RoHs Compliant 3 Years Product Warranty The DH06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC/3,000 isolation. It offers short circuit protection and allows a wide operating temperature range of –40°C to +85°C (with derating).These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. Model List Output Current Input Current Efficiency (typ.) Input Voltage (Range) Output Voltage Max. @Max. Load @No Load Reflected Ripple Current Max. capacitive Load @Max. Load Model Number VDC VDC mA mA(typ.) mA(typ.) mA(typ.) uF % DH06S1203A 3.3 1200 440 470 75 DH06S1205A 5 1200 641 470 78 DH06S1212A 12 500 609 100 82 DH06S1215A 15 400 609 100 82 DH06S1224A 24 250 595 47 84 DH06D1205A ±5 ±500 534 100* 78 DH06D1212A ±12 ±250 609 100* 82 DH06D1215A 12 (9 ~ 18) ±15 ±200 609 40 30 100* 82 DH06S2403A 3.3 1200 214 470 77 DH06S2405A 5 1200 313 470 80 DH06S2412A 12 500 298 100 84 DH06S2415A 15 400 298 100 84 DH06S2424A 24 250 298 47 84 DH06D2405A ±5 ±500 260 100* 80 DH06D2412A ±12 ±250 298 100* 84 DH06D2415A 24 (18 ~ 36) ±15 ±200 298 20 20 100* 84 DH06S4803A 3.3 1200 107 470 77 DH06S4805A 5 1200 156 470 80 DH06S4812A 12 500 149 100 84 DH06S4815A 15 400 149 100 84 DH06S4824A 24 250 149 47 84 DH06D4805A ±5 ±500 130 100* 80 DH06D4812A ±12 ±250 149 100* 84 DH06D4815A 48 (36 ~ 75) ±15 ±200 149 10 15 100* 84 * For each output |
Similar Part No. - DH06S4805A |
|
Similar Description - DH06S4805A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |