Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDI25-12P1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # VDI25-12P1
Description  Short Circuit SOA Capability Square RBSOA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VDI25-12P1 Datasheet(HTML) 4 Page - IXYS Corporation

  VDI25-12P1 Datasheet HTML 1Page - IXYS Corporation VDI25-12P1 Datasheet HTML 2Page - IXYS Corporation VDI25-12P1 Datasheet HTML 3Page - IXYS Corporation VDI25-12P1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2006 IXYS All rights reserved
4 - 4
IXYS reserves the right to change limits, test conditions and dimensions.
VDI 25-12P1
VII 25-12P1
VID 25-12P1
VIO 25-12P1
B3
Fig. 7 Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
Fig. 9 Typ. turn on energy and switching
Fig. 10 Typ. turn off energy and switching
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12
Typ. transient thermal impedance
RBSOA
010
20
30
0
2
4
6
0
40
80
120
0
102030
0
2
4
6
0
200
400
600
0,00001 0,0001 0,001
0,01
0,1
1
10
0,0001
0,001
0,01
0,1
1
10
0
20
40
60
80
100
120
140
0,0
0,5
1,0
1,5
2,0
0
200
400
600
800
0
20
40
60
80
100
120
140
0
1
2
3
0
50
100
150
single pulse
VDI...25-12P1
V
CE = 600V
V
GE = ±15V
I
C
= 15A
T
VJ = 125°C
0
200
400
600
800 1000 1200 1400
0
10
20
30
40
R
G = 82 Ω
T
VJ = 125°C
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
Ω
R
G
Ω
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
IGBT
diode
V
A
mJ
ns
ns
mJ
25T120
25T120
25T120
25T120
25T120
V
CE = 600V
V
GE = ±15V
R
G =
82
Ω
T
VJ = 125°C
V
CE = 600V
V
GE = ±15V
R
G =
82
Ω
T
VJ
= 125°C
V
CE = 600V
V
GE = ±15V
I
C
= 15A
T
VJ = 125°C


Similar Part No. - VDI25-12P1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VDI25-06P1 IXYS-VDI25-06P1 Datasheet
349Kb / 4P
   Short Circuit SOA Capability Square RBSOA
More results

Similar Description - VDI25-12P1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MWI60-12T6K IXYS-MWI60-12T6K Datasheet
175Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI100-12F8 IXYS-MKI100-12F8 Datasheet
92Kb / 2P
   Short Circuit SOA Capability Square RBSOA
VII25-06P1 IXYS-VII25-06P1 Datasheet
349Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI75-06A7 IXYS-MKI75-06A7 Datasheet
127Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI50-12F7 IXYS-MKI50-12F7 Datasheet
81Kb / 2P
   Short Circuit SOA Capability Square RBSOA
MWI100-06A8 IXYS-MWI100-06A8 Datasheet
84Kb / 2P
   Short Circuit SOA Capability Square RBSOA
MII150-12A4 IXYS-MII150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII200-12A4 IXYS-MII200-12A4 Datasheet
115Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com