Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E24SR05012NRFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # E24SR05012NRFA
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR05012NRFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button E24SR05012NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E24SR05012NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS_E24SR3R320_01032008
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 12:
Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div, 2us/div)
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
0
Figure 13:
Output voltage noise and ripple measurement test
setup
0
Figure 14:
Output voltage ripple at nominal input voltage and
rated load current (Io=20A)(20 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module
Figure 15:
Output voltage vs. load current showing typical
current limit curves and converter shutdown points


Similar Part No. - E24SR05012NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR05012NRFA DELTA-E24SR05012NRFA Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012NRFA DELTA-E24SR05012NRFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR05012NRFA DELTA-E24SR05012NRFA Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR05012NRFA DELTA-E24SR05012NRFA Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
More results

Similar Description - E24SR05012NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR12005 DELTA-E24SR12005 Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com