Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E24SR12005NRFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # E24SR12005NRFA
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR12005NRFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button E24SR12005NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E24SR12005NRFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS_E24SR3R320_01032008
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
connect an external resistor between the TRIM pin and
either the SENSE(+) or SENSE(-). The TRIM pin
should be left open if this feature is not used.
Figure 18:
Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
()
Ω
⎥⎦
⎢⎣
Δ
=
K
down
Rtrim
2
.
10
511
Ex. When Trim-down -20% (3.3V×0.8=2.64V)
()
()
Ω
=
Ω
⎥⎦
⎢⎣
=
K
K
down
Rtrim
35
.
15
2
.
10
20
511
Figure 19:
Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
()
Ω
Δ
Δ
Δ
+
=
K
up
Rtrim
2
.
10
511
1.225
)
(100
Vo
11
.
5
Ex. When Trim-up +10% (3.3V×1.1=3.63V)
()
Ω
=
×
+
×
×
=
K
up
Rtrim
12
.
90
2
.
10
10
511
10
225
.
1
)
10
100
(
3
.
3
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - E24SR12005NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
More results

Similar Description - E24SR12005NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR12005 DELTA-E24SR12005 Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com