Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN2450 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN2450
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN2450 Datasheet(HTML) 2 Page - Supertex, Inc

  VN2450 Datasheet HTML 1Page - Supertex, Inc VN2450 Datasheet HTML 2Page - Supertex, Inc VN2450 Datasheet HTML 3Page - Supertex, Inc VN2450 Datasheet HTML 4Page - Supertex, Inc VN2450 Datasheet HTML 5Page - Supertex, Inc VN2450 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
VN2450
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Thermal Characteristics
Package
I
D
(continuous)*
(mA)
I
D
(pulsed)
(mA)
Power Dissipation
@T
A = 25
O
C
(W)
θ
jc
(OC/W)
θ
ja
(OC/W)
I
DR
(mA)
I
DRM
(mA)
TO-92
200
650
0.74
125
170
200
650
TO-243AA
250
750
1.6
15
78
250
750
Notes:
† I
D (continuous) is limited by max rated TJ,
‡ Mounted on FR5 board, 25mm x 25mm x 1.57mm.
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
DSS
Drain-to-source breakdown voltage
500
-
-
V
V
GS = 0V, ID = 2.0mA
V
GS(th)
Gate threshold voltage
1.5
-
4.0
V
V
GS = VDS, ID = 1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
-5.5
mV/OC V
GS = VDS, ID = 1.0mA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
10
µA
V
GS = 0V,
V
DS = Max Rating
-
-
1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
O
C
I
D(ON)
On-state drain current
0.5
-
-
A
V
GS = 10V, VDS = 25V
R
DS(ON)
Static drain-to-source on-state resistance
-
-
20
Ω
V
GS = 4.5V, ID = 100mA
-
-
13
V
GS = 10V, ID = 400mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.7
%/OC
V
GS = 10V, ID = 400mA
G
FS
Forward transconductance
50
-
-
mmho V
DS = 25V, ID = 200mA
C
ISS
Input capacitance
-
-
150
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
50
C
RSS
Reverse transfer capacitance
-
-
25
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD = 25V,
I
D = 250mA,
R
GEN = 25Ω
t
r
Rise time
-
-
10
t
d(OFF)
Turn-off delay time
-
-
25
t
f
Fall time
-
-
20
V
SD
Diode forward voltage drop
-
-
1.5
V
V
GS = 0V, ISD = 400mA
Notes:
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
All A.C. parameters sample tested.
1.
2.
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
10V
VDD
RGEN
0V
0V


Similar Part No. - VN2450

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN2450 SUTEX-VN2450 Datasheet
457Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N3 SUTEX-VN2450N3 Datasheet
457Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8 SUTEX-VN2450N8 Datasheet
457Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450NW SUTEX-VN2450NW Datasheet
457Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VN2450

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com