Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-16CTU04SPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-16CTU04SPBF
Description  Ultrafast Rectifier, 2 x 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-16CTU04SPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  VS-16CTU04SPBF Datasheet HTML 1Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 2Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 3Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 4Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 5Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 6Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 7Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 8Page - Vishay Siliconix VS-16CTU04SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - VS-16CTU04SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16CTU04SPBF VISHAY-VS-16CTU04SPBF Datasheet
151Kb / 9P
   Ultrafast Rectifier, 16 A FRED Pt®
08-Feb-17
More results

Similar Description - VS-16CTU04SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
16CTU04SPBF VISHAY-16CTU04SPBF_10 Datasheet
177Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
MURB1620CTPBF VISHAY-MURB1620CTPBF_10 Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
VS-MURB1620CTHM3 VISHAY-VS-MURB1620CTHM3 Datasheet
188Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 10-Jul-15
VS-16CDU06-M3 VISHAY-VS-16CDU06-M3_V01 Datasheet
156Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-MUR1620CTPBF VISHAY-VS-MUR1620CTPBF Datasheet
161Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Aug-11
VS-MURB1620CTPBF VISHAY-VS-MURB1620CTPBF Datasheet
168Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Mar-10
VS-16CDU06HM3 VISHAY-VS-16CDU06HM3_V01 Datasheet
158Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com