Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SD12020 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E48SD12020
Description  240W DC/DC Power Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SD12020 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E48SD12020_14 Datasheet HTML 1Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 2Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 3Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 4Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 5Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 6Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 7Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 8Page - Delta Electronics, Inc. E48SD12020_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DS_E48SD12020_07042013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
DIGITAL INTERFACE SPECIFICATIONS
(TA=25°C, airflow rate=400 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PIN DEFINATION
Pin#
Name
Function
Pin#
Name
Function
1
VIN(+)
9
C2
PGOOD pin, and this pin also could be configurated as secondary on/off control pin
2
ON/OFF
Primary on/off
control pin
10
SIG_GND
Signal ground
3
VIN(-)
11
DATA
PMBus data line
4
VOUT(-)
12
SMBALERT
PMBus SMBAlert line
5
SENSE(-)
Remote sense
13
CLOCK
PMBus clock line
6
TRIM
Trim
note 1
14
ADDR1
ADDR1 pin sets the high order digit of the address.
7
SENSE(+)
Remote sense
15
ADDR0
ADDR0 pin sets the low order digit of the address.
8
VOUT(+)
Note1: see the last page.
PARAMETER
NOTES and CONDITIONS
E48SD12020
Min.
Typ.
Max.
Units
PMBUS SIGNAL INTERFACE CHARACTERISTICS
Input High Voltage (CLK, DATA)
2.1
3.6
Vdc
Input Low Voltage (CLK, DATA)
0
0.8
Vdc
Input high level current (CLK, DATA)
-10
10
uA
Input low level current (CLK, DATA)
-10
10
uA
Output Low Voltage (SMBALERT#)
IOUT=2mA
0.4
Vdc
Output high level open drain leakage current
(SMBALERT#)
VOUT=3.6V
0
10
uA
PMBus Operating frequency range
100
400
kHz
Measurement System Characteristics
Output current reading accuracy
IOUT =20A
-3
+3
Adc
VOUT reading accuracy
1
%
VIN reading accuracy
-2
+2
Vdc
Temperature sense range
0
°C
Temperature reading accuracy
-5
+5
°C


Similar Part No. - E48SD12020_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020NKFA DELTA-E48SD12020NKFA Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFB DELTA-E48SD12020NKFB Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFC DELTA-E48SD12020NKFC Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFH DELTA-E48SD12020NKFH Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NNFA DELTA-E48SD12020NNFA Datasheet
1Mb / 27P
   240W DC/DC Power Modules
More results

Similar Description - E48SD12020_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020 Datasheet
1Mb / 27P
   240W DC/DC Power Modules
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com