Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SA12025NNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # H48SA12025NNFA
Description  Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA12025NNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  H48SA12025NNFA_14 Datasheet HTML 1Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 2Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 3Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 4Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 5Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 6Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 7Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 8Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
High efficiency: 93.2% @ 12V/ 25A
Standard footprint: 58.4 x 61.0 x 11.2 mm
(2.30” x2.40”x0.44”)
Industry standard pin out
Single board construction
Fixed frequency operation
2250V Isolation
Basic insulation
Monotonic startup into normal and pre-
bias loads
Fully protected: input UVLO, output OVP,
OCP, OTP
No minimum load required
Wide output trim range: -20%, +10%
ISO 9001, TL 9000, ISO 14001, QS
9000, OHSAS 18001 certified
manufacturing facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
Certified
CE mark meets 73/23/EEC and
93/68/EEC directives
OPTIONS
Positive on/off
Heatspreader available for extended
operation
APPLICATIONS
Telecom / DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Test Equipment
Delphi Series H48SA, Half Brick Family
DC/DC Power Modules: 48V in, 12V/25A out
The Delphi Series H48SA Half Brick, 48V input, single output, isolated,
open frame DC/DC converters are the latest offering from a world
leader in power systems technology and manufacturing — Delta
Electronics, Inc. This product family provides up to 300 watts of power
or up to 25A of output current in an industry standard footprint. This
product represents the next generation of design technology required
by today’s leading-edge circuitry. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions.
Typical
efficiency of the 12V, 300W module is better than 93.2% and all
modules are fully protected from abnormal input/output voltage, current
and temperature conditions. The Delphi Series converters meet all
safety requirements with basic insulation. A variety of optional
heatsinks are available for extended thermal operation.
DATASHEET
DS_H48SA12025_05112009


Similar Part No. - H48SA12025NNFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SA12025NNFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA28016NY DELTA-H48SA28016NY_14 Datasheet
382Kb / 14P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com