Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SA12025NNFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # H48SA12025NNFA
Description  Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA12025NNFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  H48SA12025NNFA_14 Datasheet HTML 1Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 2Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 3Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 4Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 5Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 6Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 7Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 8Page - Delta Electronics, Inc. H48SA12025NNFA_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS_H48SA12025_05112009
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
H48SA12025 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Device Temperature(Openframe)
Please refer to fig24. for the measuring point
-40
122
°C
Operating Device Temperature(Heatspreader)
Please refer to fig25. for the measuring point
-40
109
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.5
34
35.5
Vdc
Turn-Off Voltage Threshold
30.5
32
33.5
Vdc
Lockout Hysteresis Voltage
1
2
3
Vdc
Maximum Input Current
Vin=36V, 100% Load
9.5
A
No-Load Input Current
170
240
mA
Off Converter Input Current
18
mA
Inrush Current(I
2t)
With 100uF external input cap
1
A
2S
Input Terminal Ripple Current
RMS, With 100uF/0.1ohm input cap, 100% Load
0.42
A
Input Reflected-Ripple Current
Pk-Pk, thru 12µH inductor, 5Hz to 20MHz, 100% Load
7
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25℃
11.82
12
12.18
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±10
mV
Over Line
Vin=36V to 75V
±10
mV
Over Temperature
Tc=-40℃ to 100℃
±120
mV
Total Output Voltage Range
over sample load, line and temperature
11.64
12.36
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
100% Load, 1µF ceramic, 10µF tantalum
60
120
mV
RMS
100% Load, 1µF ceramic, 10µF tantalum
30
60
mV
Operating Output Current Range
Full input range
0
25
A
Operating Output Power Range
Full input range
0
300
W
Output DC Current Protection
Full input range
110
150
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io,max to 75% Io,max
400
mV
Negative Step Change in Output Current
75% Io,max to 50% Io,max
400
mV
Settling Time (within 1% Vout nominal)
400
uS
Turn-On Transient
Start-Up Time, From On/Off Control
12
28
mS
Start-Up Time, From Input
12
28
mS
Maximum Output Capacitance
100% Resistor load; 5% overshoot of Vout at startup
10000
µF
EFFICIENCY
100% Load
Vin=48V
93.2
%
60% Load
Vin=48V
92.5
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off
-2
1.2
V
Logic High (Module Off)
Von/off
3
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off
-2
1.2
V
Logic High (Module On)
Von/off
3
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
0.3
mA
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=3V
10
uA
Leakage Current(for both remote on/off logic)
Logic High, Von/off=15V
100
uA
Output Voltage Trim Range
Pout <= max rated power
9.6
13.2
V
Output Voltage Remote Sense Range
Pout <= max rated power
10
%
Output Over-Voltage Protection
Over full input range; Over full temp range
115
140
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C,airflow rate=300 LFM
1.5
M hours
Weight
Open frame
80
grams
Over-Temperature Shutdown(Openframe)
Please refer to Fig 24. for the measuring point
127
°C
Over-Temperature Shutdown(Heatspreader)
Please refer to Fig 25. for the measuring point
116
°C


Similar Part No. - H48SA12025NNFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SA12025NNFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA28016NY DELTA-H48SA28016NY_14 Datasheet
382Kb / 14P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com