Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-24V600W1BA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PMC-24V600W1BA
Description  PMC Panel Mount Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-24V600W1BA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PMC-24V600W1BA Datasheet HTML 1Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 2Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 3Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 4Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 5Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 6Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 7Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 8Page - Delta Electronics, Inc. PMC-24V600W1BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
24V 600W 1 Phase / PMC-24V600W1BA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (June 2013, Rev. 00)
1
PMC
Highlights & Features
Universal AC input range
High PF > 0.99 @ 115Vac
Power Boost of 200% for 5 seconds
Meet Surge Immunity IEC 61000-4-5, Level 4
(CM: 4kV, DM: 2kV)
Built-in fan speed control and fan lock protection
Wide operating temperature range -20°C to 70°C
Overvoltage / Overcurrent / Over Temperature / Short Circuit
Protections
Safety Standards
CB Certified for worldwide use
Model Number:
PMC-24V600W1BA
Unit Weight:
1.60 kg
Dimensions (L x W x D): 215 x 120 x 61 mm
General Description
The PMC-24V600W1BA has a power rating of 600W with 24V output voltage. The product features Power Boost of 200% (up to
1200W) for 5 seconds and built-in fan speed control with fan lock protection. The PMC-24V600W1BA accepts the full universal AC
input range and have been approved for major safety standards like IEC/EN/UL 60950-1 (ITE), EMI according to EN 55011 (Industrial,
scientific and medical (ISM) radio-frequency equipment) and EMS according to EN 61000-6-2 (Immunity for industrial environments).
Model Information
PMC Panel Mount Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
PMC-24V600W1BA
85-264Vac (120-370Vdc)
24Vdc
25.0A
Model Numbering
PM
C –
24V
600W
1
B
A
Panel Mount
Product Type
C – Enclosed
Output Voltage
Output Power
Single Phase
With PFC
Terminal Block
Connector


Similar Part No. - PMC-24V600W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-24V600W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com