Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMT-12V35W1AX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMT-12V35W1AX
Description  PMT Panel Mount Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-12V35W1AX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMT-12V35W1AX Datasheet HTML 2Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 3Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 4Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMT-12V35W1AX Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
12V 35W 1 Phase / PMT-12V35W1AX
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (February 2013, Rev. 01)
9
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated when output current exceeds 120%
of IO (Max load). In such occurrence, the VO will start to droop and
once the power supply has reached its maximum power limit, the
protection is activated and the power supply will go into “Hiccup
mode” (Auto-Recovery). The power supply will recover once the
fault condition of the OLP and OCP is removed and IO is back
within the specifications.
Additionally, if the IO is <120% but >100% for a prolong period of
time (depending on the load), the Over Temperature Protection
(OTP) will be activated due to high temperature on critical
components. The power supply will then go into “Hiccup mode”
until the fault is removed.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). This is activated when the
overload condition persists for an extended duration and the
output current is below the overload trigger point but >100% load.
In the event of a higher operating condition at 100% load, the
power supply will run into OTP when the surrounding air
temperature is >50°C. When activated, the output voltage will go
into
bouncing
mode
until
the
operating
surrounding
air
temperature drops to 50°C or output capacity is reduced as
recommended in the de-rating graph.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Others
Delta RoHS Compliant
Restriction of the usage of hazardous substances
The European directive 2011/65/EU limits the maximum impurity level of homogeneous materials such as lead,
mercury, cadmium, chrome, polybrominated flame retardants PBB and PBDE for the use in electrical and
electronic equipment. RoHS is the abbreviation for “Restriction of the use of certain hazardous substances in
electrical and electronic equipment”.
This product conforms to this standard.


Similar Part No. - PMT-12V35W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AGA DELTA-PMT-12V100W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AHA DELTA-PMT-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AX DELTA-PMT-12V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V150W1AAA DELTA-PMT-12V150W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-12V35W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com