Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PML-24V50W1AG Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PML-24V50W1AG
Description  PMT Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-24V50W1AG Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PML-24V50W1AG Datasheet HTML 1Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 2Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 3Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 4Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 5Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 6Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 7Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 8Page - Delta Electronics, Inc. PML-24V50W1AG Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 50W 1 Phase / PMT-24V50W1AX
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (February 2013, Rev. 01)
3
Environment
Surrounding Air Temperature
Operating
-10°C to +70°C
Storage
-25°C to +85°C
Power De-rating
> 50°C de-rate power by 2.5% / °C
Operating Humidity
< 95% RH (Non-Condensing)
Operating Altitude
5,000 Meters
Shock Test (Non-Operating)
IEC60068-2-27, 50G for a duration of 11ms,
3 times per direction, 18 times in total
Vibration (Non-Operating)
IEC60068-2-6, 10Hz to 55Hz @ 50m/S² (5G peak);
90 min per axis for all X, Y, Z direction
Pollution Degree
2
Protections
Overvoltage
< 32V, ±10%, SELV Output, Hicc-up Mode,
Non-Latching (Auto-Recovery)
Overload / Overcurrent
> 120% of rated load current, Hicc-up Mode,
Non-Latching (Auto-Recovery)
Over Temperature
Non-Latching (Auto-Recovery)
Short Circuit
Hicc-up Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Protection Against Shock
Class I with PE* connection
*PE: Primary Earth
Reliability Data
MTBF
> 200,000 hrs.
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)
Safety Standards / Directives
Electrical Safety
TUV Bauart to EN60950-1, UL/cUL recognized to
UL60950-1 and CSA C22.2 No. 60950-1, CB scheme to
IEC60950-1, CCC to GB4943
ITE
IEC/EN/UL 60950-1
CE
In conformance with EMC Directive 2004/108/EC and
Low Voltage Directive 2006/95/EC
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
3.0KVac
Input to Ground
1.5KVac
Output to Ground
0.5KVac


Similar Part No. - PML-24V50W1AG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-24V100W1AAA DELTA-PML-24V100W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V100W1AGA DELTA-PML-24V100W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V100W1AHA DELTA-PML-24V100W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V150W1AGA DELTA-PML-24V150W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V150W1AHA DELTA-PML-24V150W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-24V50W1AG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com