Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD4699BSH Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD4699BSH
Description  500mW Zener Diode Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD4699BSH Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD4699BSH Datasheet HTML 1Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CYStech Electronics Corp.
Spec. No. : C190SH
Issued Date : 2013.05.02
Revised Date : 2013.09.04
Page No. : 1/8
ZD46XXSH series
CYStek Product Specification
500mW Zener Diode Series
ZD46XXSH
Description
The ZD46XXSH series covers zener voltage range from 1.8V to 43V, and is encapsulated in SOD-123 package,
very suitable for low cost, low power voltage regulation application.
Features
• Ultra small surface mount package
• General purpose, medium current
• Planar die construction
• Pb-free package
Symbol
Outline
SOD-123
Ordering Information
Device
Package
Shipping
ZD46XXSH-0-T1-G
SOD-123
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel


Similar Part No. - ZD4699BSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD4699 CYSTEKEC-ZD4699 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4699 CYSTEKEC-ZD4699 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4699 CYSTEKEC-ZD4699 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4699SH CYSTEKEC-ZD4699SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
More results

Similar Description - ZD4699BSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com