Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZJ6.8C Datasheet(PDF) 2 Page - Formosa MS

Part # LLZJ6.8C
Description  Zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LLZJ6.8C Datasheet(HTML) 2 Page - Formosa MS

  LLZJ6.8C Datasheet HTML 1Page - Formosa MS LLZJ6.8C Datasheet HTML 2Page - Formosa MS LLZJ6.8C Datasheet HTML 3Page - Formosa MS LLZJ6.8C Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Formosa MS
LLZJ Series
Formosa MS
2
Electrical Characteristics
Tj=25?
Zener voltage
Operating
resistance
Rising operating
resistance
Reverse current
Vz (V)
Zzt (O )
Zzk (O )
IR (µ A)
Type
Rank
Min.
Max.
Iz (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
A
1.88
2.10
LLZJ 2.0
B
2.02
2.20
5
100
5
1000
0.5
120
0.5
A
2.12
2.30
LLZJ 2.2
B
2.22
2.41
5
100
5
1000
0.5
100
0.7
A
2.33
2.52
LLZJ 2.4
B
2.43
2.63
5
100
5
1000
0.5
120
1.0
A
2.54
2.75
LLZJ 2.7
B
2.69
2.91
5
110
5
1000
0.5
100
1.0
A
2.85
3.07
LLZJ 3.0
B
3.01
3.22
5
120
5
1000
0.5
50
1.0
A
3.16
3.38
LLZJ 3.3
B
3.32
3.53
5
120
5
1000
0.5
20
1.0
A
3.46
3.69
LLZJ 3.6
B
3.60
3.84
5
100
5
1000
1
10
1.0
A
3.74
4.01
LLZJ 3.9
B
3.89
4.16
5
100
5
1000
1
5
1.0
A
4.04
4.29
B
4.17
4.43
LLZJ 4.3
C
4.30
4.57
5
100
5
1000
1
5
1.0
A
4.44
4.68
B
4.55
4.80
LLZJ 4.7
C
4.68
4.93
5
90
5
900
1
5
1.0
A
4.81
5.07
B
4.94
5.20
LLZJ 5.1
C
5.09
5.37
5
80
5
800
1
5
1.5
A
5.28
5.55
B
5.45
5.73
LLZJ 5.6
C
5.61
5.91
5
60
5
500
1
5
2.5
A
5.78
6.09
B
5.96
6.27
LLZJ 6.2
C
6.12
6.44
5
60
5
300
1
5
3.0
A
6.29
6.63
B
6.49
6.83
LLZJ 6.8
C
6.66
7.01
5
20
5
150
0.5
2
3.5
A
6.85
7.22
B
7.07
7.45
LLZJ 7.5
C
7.29
7.67
5
20
5
120
0.5
0.5
4.0
A
7.53
7.92
B
7.78
8.19
LLZJ 8.2
C
8.03
8.45
5
20
5
120
0.5
0.5
5.0
A
8.29
8.73
B
8.57
9.01
LLZJ 9.1
C
8.83
9.30
5
25
5
120
0.5
0.5
6.0


Similar Part No. - LLZJ6.8C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLZ10 MCC-LLZ10 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ10 TSC-LLZ10 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ10 TSC-LLZ10 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ10 MCC-LLZ10 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
LLZ10A MCC-LLZ10A Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZJ6.8C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com