Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD204 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD204
Description  PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD204 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD204 Datasheet HTML 1Page - Continental Device India Limited BD204 Datasheet HTML 2Page - Continental Device India Limited BD204 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current (peak tp = 10 ms)
ICM
max.
12
A
Collector current (non-repetitive peak tp = 2 ms) ICSM
max.
25
A
Base current
IB
max.
3.0
A
Total power dissipation up to Tmb = 25°C
Ptot
max.
60
W
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to ambient
Rth j–a
70
K /W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
202 204 BDX78
Collector cutoff current
IB = 0; VCE = 30 V
ICEO
max.
0.2
mA
IB = 0; VCB = 40 V; Tj = 150°C
ICBO
max.
1.0
mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
0.5
mA
Breakdown voltages
IC = 0.2 A; IB = 0
VCEO
min.
45
60
80
V
IC = 1 mA; IE = 0
VCBO
min.
60
60
100
V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 3 A; IB = 0.3 A
VCEsat* max.
1.0
V
IC = 6 A; IB = 0.6 A
VCEsat* max.
1.5
V
VBEsat* max.
2.0
V
Base-emitter on voltage
IC = 3 A; VCE = 2 V
VBE(on)* max.
1.5
V
D.C. current gain
IC = 1 A; VCE = 2 V
hFE*
min.
30
IC = 2 A; VCE = 2 V
hFE*
min.
30
IC = 3 A; VCE = 2 V
hFE*
min.
30
Common emitter small
IC = 0.3 A; VCE = 3 V
fhfe
min.
25
KHz
Transition frequency
IC = 0.3 A; VCE = 3 V; f = 1 MHz
fT
min.
7.0
MHz
Second breakdown collector current
with base forward biased (non-repetitive)
VCE = 40 V; tp = 0.1 s
IS/b
min.
1.5
A
Switching time
ICon = 2A; IBon = IBoff = 0.2A
Turn on time
ton
max.
1
µs
Turn off time
toff
max.
2
µs
* Pulse test: tp ≤ 300 µs; duty cycle ≤ 2%.
BD202, BD204, BDX78


Similar Part No. - BD204

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BD204 GE-BD204 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
BD204 ETC-BD204 Datasheet
26Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD204 SAVANTIC-BD204 Datasheet
90Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD204 COMSET-BD204 Datasheet
193Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD204 COMSET-BD204 Datasheet
194Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSITORS
More results

Similar Description - BD204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
   Plastic Power Transistors
August, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
   PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
   PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
   PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
   PLASTIC POWER TRANSISTORS
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
   PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com