Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHR-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZHR-2
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZHR-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZHR-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZHR-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZHR-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZHR-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZH CONNECTOR
4.0
0.5
2.2
1.0
1.4
1.1
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG#
Insulation O.D. (mm)
0.8∼1.1
0.5∼0.9
28∼26
32∼28
0.08 ∼0.13
0.032∼0.08
SZH-002T-P0.5
SZH-003T-P0.5
Phosphor bronze, tin-plated (reflow treatment)
13,000
16,000
B
A
1.5
1.5
3.4
Circuits
Model No.
Dimensions (mm)
Q'ty /
bag
AB
Material
PA 66, UL94V-0, natural (white)
2
3
4
5
6
6
7
8
9
10
11
12
13
ZHR-2
ZHR-3
ZHR-4
ZHR-5
ZHR-6
ZHR-6(3.0)
ZHR-7
ZHR-8
ZHR-9
ZHR-10
ZHR-11
ZHR-12
ZHR-13
1.5
3.0
4.5
6.0
7.5
15.0
9.0
10.5
12.0
13.5
15.0
16.5
18.0
4.5
6.0
7.5
9.0
10.5
18.0
12.0
13.5
15.0
16.5
18.0
19.5
21.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Contact
Crimping
machine
AP-K2N
MKS-L
  ―  
MK/SZH-002-05
Applicator
Crimp applicator
Dies
APLMK SZH002-05
Crimp applicator with dies
SZH-002T-P0.5
Contact
Crimping
machine
AP-K2N
MKS-L
*MKS-SC
MK/SZH-003-05
SC/SZH-003-05
Applicator
Crimp applicator
Dies
APLMK SZH003-05
APLSC SZH003-05
Crimp applicator with dies
SZH-003T-P0.5
Contact
RoHS compliance
Housing
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
ZHR-2-oo-
(blank)…natural (white)
K…black R…red E…blue M…green
RoHS compliance
Note: 1. ZHR-6(3.0) is 6 circuits 3.0mm pitch plugged up.
As for this housing, only circuit No.1 is marked.
2. ZHR-6(3.0) is not UL/CSA/TÜV approved.
B
A
φ0.5
1.5
1.5
4.6
1.4
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Top entry
type
Top entry
type
Side entry
type
Side entry
type
Side entry
type-3.4
Q'ty / box
Pin: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
9
10
11
12
13
B2B-ZR
B3B-ZR
B4B-ZR
B5B-ZR
B6B-ZR
B7B-ZR
B8B-ZR
B9B-ZR
B10B-ZR
B11B-ZR
B12B-ZR
B13B-ZR
S2B-ZR
S3B-ZR
S4B-ZR
S5B-ZR
S6B-ZR
S7B-ZR
S8B-ZR
S9B-ZR
S10B-ZR
S11B-ZR
S12B-ZR
S13B-ZR
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
2,000
1,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
Note)
Top entry type
Note)
Side entry type
B2B-ZR-3.4
B3B-ZR-3.4
B4B-ZR-3.4
B5B-ZR-3.4
B6B-ZR-3.4
B7B-ZR-3.4
B8B-ZR-3.4
B9B-ZR-3.4
B10B-ZR-3.4
B11B-ZR-3.4
B12B-ZR-3.4
B13B-ZR-3.4
S2B-ZR-3.4
S3B-ZR-3.4
S4B-ZR-3.4
S5B-ZR-3.4
S6B-ZR-3.4
S7B-ZR-3.4
S8B-ZR-3.4
S9B-ZR-3.4
S10B-ZR-3.4
S11B-ZR-3.4
S12B-ZR-3.4
S13B-ZR-3.4
A 1.5
B
3.5
2.2
B
3.5
2.2
A
φ0.5
1.5
1.5
Through-hole type shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: Headers with 3.4mm long solder tails, suited for the 1.6mm thick PC
board.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-ZR-3.4-oo-
(blank)…natural (ivory)
K…black R…red E…blue M…green
Note: *Strip-crimp applicator.
Side entry type
Top entry type
(2 circuits)
(3 circuits or more)
17


Similar Part No. - ZHR-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZHR-2 ETC2-ZHR-2 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
ZHR-2 JST-ZHR-2 Datasheet
1,016Kb / 4P
   1.5 mm pitch/Disconnectable Crimp style connectors
2021
More results

Similar Description - ZHR-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZER-02V-S ETC1-ZER-02V-S Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com