Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S202SE2F Datasheet(PDF) 5 Page - Sharp Corporation

Part # S202SE2F
Description  Non-zero cross type is also available. (S202SE1 Series)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202SE2F Datasheet(HTML) 5 Page - Sharp Corporation

  S202SE2F Datasheet HTML 1Page - Sharp Corporation S202SE2F Datasheet HTML 2Page - Sharp Corporation S202SE2F Datasheet HTML 3Page - Sharp Corporation S202SE2F Datasheet HTML 4Page - Sharp Corporation S202SE2F Datasheet HTML 5Page - Sharp Corporation S202SE2F Datasheet HTML 6Page - Sharp Corporation S202SE2F Datasheet HTML 7Page - Sharp Corporation S202SE2F Datasheet HTML 8Page - Sharp Corporation S202SE2F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Shipping Package
EN60950 (reinforced insulation)
Model No.
Case
200pcs/case
Approved
S202SE2F
IFT[mA]
(VD
=6V,
RL
=30Ω)
MAX.8
600
VDRM
[V]
5
Please contact a local SHARP sales representative to see the actual status of the production.
S202SE2 Series
Sheet No.: D4-A03301EN
Model Line-up (1) (Lead-free terminal components)
Model Line-up (2) (Lead solder plating components)
Shipping Package
EN60950 (reinforced insulation)
Model No.
Case
200pcs/case
Approved
S202SE2
IFT[mA]
(VD
=6V,
RL
=30Ω)
MAX.8
600
VDRM
[V]


Similar Part No. - S202SE2F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202SE2 SHARP-S202SE2 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
More results

Similar Description - S202SE2F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S06F SHARP-S101S06F Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PC2SD11NTZA SHARP-PC2SD11NTZA Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NXPAF SHARP-PC2SD11NXPAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PR22MA11NTZ SHARP-PR22MA11NTZ Datasheet
268Kb / 14P
   IT(rms)??.15A, Non-Zero Cross type DIP 6pin SSR
logo
Littelfuse
SB6000 LITTELFUSE-SB6000 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com