Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD176PNP Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD176PNP
Description  EPITAXIAL SILICON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD176PNP Datasheet(HTML) 1 Page - Continental Device India Limited

  BD176PNP Datasheet HTML 1Page - Continental Device India Limited BD176PNP Datasheet HTML 2Page - Continental Device India Limited BD176PNP Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
BD175
BD176
BD177
BD178
BD179
BD180
NPN
PNP
TO126
Plastic Package
Intended for use in Medium Power Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD175
BD177
UNIT
BD176
BD178
Collector -Emitter Voltage
VCEO
45
60
V
Collector -Base Voltage
VCBO
45
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
3.0
A
Collector Peak Current
ICM
7.0
A
Power Dissipation @ Ta=25ºC
PD
1.25
W
Derate above 25ºC
10
mW/ºC
Power Dissipation @ Tc=25ºC
PD
30
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 65 to +150
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Cut off Current
ICBO
VCB=45V, IE=0
BD175/76
100
µA
VCB=60V, IE=0
BD177/78
100
µA
VCB=80V, IE=0
BD179/80
100
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=100mA, IB=0
BD175/76
45
V
BD177/78
60
V
BD179/80
80
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=1A, IB=0.1A
0.8
V
Base Emitter on Voltage
*VBE (on)
IC=1A, VCE=2V
1.3
V
DC Current Gain
*hFE
IC=150mA, VCE=2V
40
IC=1A, VCE=2V
15
*hFE Group
IC=150mA, VCE=2V
- 6
40
100
- 10
63
160
Only BD175/76/79
- 16
100
250
Transition Frequency
fT
IC=250mA, VCE=10V
3.0
ΜΗz
*Pulse test:- Pulse width=300
µµs, Duty cycle=1.5%
100
4.16
BD179
80
80
BD180
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD176PNP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD176 FAIRCHILD-BD176 Datasheet
40Kb / 4P
   Medium Power Linear and Switching Applications
logo
Savantic, Inc.
BD176 SAVANTIC-BD176 Datasheet
106Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD176 ISC-BD176 Datasheet
137Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BD176 SAVANTIC-BD176 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD176PNP

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD233 CDIL-BD233 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
   EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com