Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7070ETB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S-7070ETB
Description  ROTARY CODED SWITCHES (SMD)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-7070ETB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  S-7070ETB Datasheet HTML 1Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 2Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 3Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 4Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 5Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 6Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 7Page - List of Unclassifed Manufacturers S-7070ETB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
<Top setting>
● A type
● B type
(Unit: mm)
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● S-7060EA (Real code)
● S-7060EB (Real code)
0
6 – 1.2
2.54
2.54
0
6 – 1.2
2.54
2.54
0
6 – 1.6
2.54
2.54
2.54
0
6 – 1.6
2.54
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
4
C
1
1
0.6 W
× 2.6 L × 0.6 D
Production date code
7.2
2.9
2.54
2.54
1
2
C
4
C
0.6 W
× 2.6 L × 0.6 D
Production date code
6 – 0.8
t = 0.15
NO
NO
Lead-free ldentification mark
Lead-free ldentification mark
S-7000
ROTARY CODED SWITCHES (SMD)
● B type
<Side setting>
● A type
SIZE OF P.C.B. PROCESSING
6 –
0.8
φ
2.54
2.54
6 –
0.8
φ
2.54
2.54
Operating face
<Top setting>
● C type
<Side setting>
● C type


Similar Part No. - S-7070ETB

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
S-7070ETB COPAL-S-7070ETB Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - S-7070ETB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com