Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8254AABFT-TB Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8254AABFT-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AABFT-TB Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8254AABFT-TB Datasheet HTML 5Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 6Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 9Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 10Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 11Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 12Page - Seiko Instruments Inc S-8254AABFT-TB Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.1_00
S-8254A Series
Seiko Instruments Inc.
9
Test Circuits
This chapter describes how to test the S-8254A Series when a 4-serial cell is selected by setting the SEL pin
to the VDD level. When a 3-serial cell is selected by setting the SEL pin to the VSS level, short the power
supply V4.
1. Current Consumption on Operation, Current Consumption at Power-down
(Test circuit 1)
1. 1 Current Consumption during operation (IOPE)
The current at the VSS pin when V1
= V2 = V3 = V4 = 3.5 V and VVMP = VDD is the current
consumption during operation (IOPE).
1. 2 Current Consumption during power-down (IPDN)
The current at the VSS pin when V1
= V2 = V3 = V4 = 1.5 V and VVMP = VSS is the current consumption
during power-down (IPDN).
2. Overcharge Detection Voltage, Overcharge Release Voltage, Overdischarge Detection Voltage,
Overdischarge Release Voltage, Overcurrent Detection Voltage 1, Overcurrent Detection Voltage
2, Overcurrent Detection Voltage 3, CTL Input Voltage “H”, CTL Input Voltage “L”, SEL Input
Voltage “H”, SEL Input Voltage “L”
(Test circuit 2)
Confirm that the COP pin and DOP pin are low (VDD
× 0.1 V or lower) when VVMP = VSEL = VDD, VINI = VCTL
= VSS, the CCT pin is open, the CDT pin is open, and V1 = V2 = V3 = V4 = 3.5 V (this status is referred to
as the initial status).
2. 1 Overcharge Detection Voltage (VCU1), Overcharge Release Voltage (VCL1)
The overcharge detection voltage (VCU1) is the voltage of V1 when the voltage of the COP pin is “H”
(VDD
× 0.9 V or more) after the V1 voltage has been gradually increased starting at the initial status.
The overcharge release voltage (VCL1) is the voltage of V1 when the voltage at the COP pin is “L” after
the V1 voltage has been gradually decreased.
2. 2 Overdischarge Detection Voltage (VDL1), Overdischarge Release Voltage (VDU1)
The overdischarge detection voltage (VDL1) is the voltage of V1 when the voltage of the DOP pin is “H”
after the V1 voltage has been gradually decreased starting at the initial status. The overdischarge
release voltage (VDU1) is the voltage of V1 when the voltage at the DOP pin is “L” after the V1 voltage
has been gradually increased.
When the voltage of Vn (n
= 2 to 4) is changed, the overcharge detection voltage (VCUn), overcharge
release voltage (VCLn), overdischarge detection voltage (VDLn), and overdischarge release voltage
(VDUn) can be determined in the same way as when n
= 1.
2. 3 Overcurrent Detection Voltage 1 (VIOV1)
Overcurrent detection voltage 1 (VIOV1) is the voltage of the VINI pin when the voltage of the DOP pin
is “H” after the VINI pin voltage has been gradually increased starting at the initial status.
2. 4 Overcurrent Detection Voltage 2 (VIOV2)
Overcurrent detection voltage 2 (VIOV2) is the voltage of the VINI pin when the voltage of the DOP pin
is “H” after the voltage of the CDT pin was set to VSS following the initial status and the voltage of the
VINI pin has been gradually decreased.
2. 5 Overcurrent Detection Voltage 3 (VIOV3)
Overcurrent detection voltage 3 (VIOV3) is the voltage difference between VVC1 and VVMP (VVC1
− VVMP)
when the voltage of the DOP pin is “H” after the VMP voltage has been gradually decreased starting at
the initial status.


Similar Part No. - S-8254AABFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8254AABFT-TB-G SII-S-8254AABFT-TB-G Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S-8254AABFT-TB-U SII-S-8254AABFT-TB-U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8254AABFT-TB-X ABLIC-S-8254AABFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AABFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com