Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7B-ZR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B7B-ZR
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B7B-ZR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B7B-ZR Datasheet HTML 1Page - List of Unclassifed Manufacturers B7B-ZR Datasheet HTML 2Page - List of Unclassifed Manufacturers B7B-ZR Datasheet HTML 3Page - List of Unclassifed Manufacturers B7B-ZR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZH CONNECTOR
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Feeding direction
(φ13)
W1
+2.5
–1.0
2.0
±0.5
4.0
±0.1 2.0±0.1
φ1.55
±0.05
Feeding direction
Cover tape
Carrier tape
2.0
±0.1
4.0
±0.1
φ1.55
±0.05
Feeding direction
Cover tape
Carrier tape
2.0
±0.1
Feeding direction
Cover tape
Carrier tape
4.0
±0.1 2.0±0.1
Feeding direction
Cover tape
Carrier tape
Feeding direction
Cover tape leader
Carrier tape
The end part
160min.
Connector
mounting part
400min.
Leader part
100min.
12.0
±0.1
12.0
±0.1
φ1.55
±0.05
4.0
±0.1
12.0
±0.1
φ1.55
±0.05
12.0
±0.1
Note:
1. Specifications conform to JIS C 0806. The tape width, connector recess
dimensions, etc. are determined by the number of circuits and external
shape of the connector to be loaded.
2. Specifications are subject to change without prior notice.
SM2 type
(Side entry type) 2 to 11 circuits
SM4 type
(Side entry type) 2 to 10 circuits
SM4 type
(Top entry type)
2 to 10 circuits
SM4 type
(Top entry type)
11 to 13 circuits
SM2 type
(Side entry type) 12 to 13 circuits
SM4 type
(Side entry type) 11 to 13 circuits
Top
entry
type
Side
entry
type
17.5
25.5
33.5
13.5
17.5
25.5
33.5
45.5
17.5
25.5
33.5
45.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
FS
W
W1
16.0
24.0
32.0
12.0
16.0
24.0
32.0
44.0
16.0
24.0
32.0
44.0
6.75
10.75
28.4
4.75
6.75
10.75
28.4
40.4
6.75
10.75
28.4
40.4
7.5
11.5
14.2
5.5
7.5
11.5
14.2
20.2
7.5
11.5
14.2
20.2
Side
entry
type
SM4
Type
SM2
Type
2 to 6
7 to 11
12 to 13
2
3 to 5
6 to 10
11 to 12
13
2 to 5
6 to 10
11 to 12
13
Circuits
Taping dimensions (mm)
Q'ty /
reel
Reel dimensions
(mm)


Similar Part No. - B7B-ZR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7B-ZR ETC2-B7B-ZR Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
B7B-ZR-3.4 ETC2-B7B-ZR-3.4 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
B7B-ZR-SM4-TF ETC2-B7B-ZR-SM4-TF Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
B7B-ZR-SM4-TF JST-B7B-ZR-SM4-TF Datasheet
1,016Kb / 4P
   1.5 mm pitch/Disconnectable Crimp style connectors
2021
More results

Similar Description - B7B-ZR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZER-02V-S ETC1-ZER-02V-S Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com