Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8254AAEFT-TB Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8254AAEFT-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AAEFT-TB Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8254AAEFT-TB Datasheet HTML 4Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 5Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 6Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 9Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 10Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 11Page - Seiko Instruments Inc S-8254AAEFT-TB Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254A Series
Rev.5.1_00
Seiko Instruments Inc.
8
Table 4 (2 / 2)
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
[ INPUT VOLTAGE ]
Operating voltage between VDD
and VSS
VDSOP
Output voltage of DOP and
COP fixed
2
24
V
2
CTL input voltage “H”
VCTLH
VDD
× 0.8
V
2
CTL input voltage “L”
VCTLL
VDD
× 0.2
V
2
SEL input voltage “H”
VSELH
VDD
× 0.8
V
2
SEL input voltage “L”
VSELL
VDD
× 0.2
V
2
[ INPUT CURRENT ]
Current consumption
during operation
IOPE
V1
= V2 = V3 = V4 = 3.5 V
12
30
μA
1
Current consumption
during power-down
IPDN
V1
= V2 = V3 = V4 = 1.5 V
0.1
μA
1
VC1 pin current
IVC1
V1
= V2 = V3 = V4 = 3.5 V
1.5
3
μA
5
VC2 pin current
IVC2
V1
= V2 = V3 = V4 = 3.5 V
− 0.3
0
0.3
μA
5
VC3 pin current
IVC3
V1
= V2 = V3 = V4 = 3.5 V
− 0.3
0
0.3
μA
5
VC4 pin current
IVC4
V1
= V2 = V3 = V4 = 3.5 V
− 0.3
0
0.3
μA
5
CTL pin current “H”
ICTLH
V1
= V2 = V3 = V4 = 3.5 V,
VCTL
= VDD
0.1
μA
5
CTL pin current “L”
ICTLL
V1
= V2 = V3 = V4 = 3.5 V,
VCTL
= VSS
− 0.4
− 0.2
μA
5
SEL pin current “H”
ISELH
V1
= V2 = V3 = V4 = 3.5 V,
VSEL
= VDD
0.1
μA
5
SEL pin current “L”
ISELL
V1
= V2 = V3 = V4 = 3.5 V,
VSEL
= VSS
− 0.1
μA
5
[ OUTPUT CURRENT ]
COP pin leakage current
ICOH
VCOP
= 24 V
0.1
μA
5
COP pin sink current
ICOL
VCOP
= VSS + 0.5 V
10
μA
5
DOP pin source current
IDOH
VDOP
= VDD − 0.5 V
10
μA
5
DOP pin sink current
IDOL
VDOP
= VSS + 0.5 V
10
μA
5
*1. Voltage temperature coefficient 1 : Overcharge detection voltage
*2. Voltage temperature coefficient 2 : Overcurrent detection voltage 1
*3. Since products are not screened at high and low temperature, the specification for this temperature range is
guaranteed by design, not tested in production.


Similar Part No. - S-8254AAEFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8254AAEFT-TB-G SII-S-8254AAEFT-TB-G Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S-8254AAEFT-TB-U SII-S-8254AAEFT-TB-U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8254AAEFT-TB-X ABLIC-S-8254AAEFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AAEFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com