Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PML-24V100W1AGA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PML-24V100W1AGA
Description  PMT Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-24V100W1AGA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PML-24V100W1AGA Datasheet HTML 1Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 2Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 3Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 4Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 5Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 6Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 7Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 8Page - Delta Electronics, Inc. PML-24V100W1AGA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 100W 1 Phase / PMT-24V100W1A
□□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 00)
4
EMC
EMC / Emissions
CISPR22, EN55022, FCC Title 47: Class B
Immunity to
Electrostatic Discharge
IEC 61000-4-2
Level 4 Criteria A
1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC 61000-4-3
Level 3 Criteria A
1)
80MHz-1GHz, 10V/M with 1kHz tone / 80% modulation
Electrical Fast Transient / Burst
IEC 61000-4-4
Level 3 Criteria A
1)
2kV
Surge
IEC 61000-4-5
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 1kV
Conducted
IEC 61000-4-6
Level 3 Criteria A
1)
150kHz-80MHz, 10Vrms
Power Frequency Magnetic Fields
IEC 61000-4-8
Criteria A
1)
10A/Meter
Voltage Dips
IEC 61000-4-11
100% dip; 1 cycle (20ms); Self Recoverable
Low Energy Pulse Test (Ring Wave)
IEC61000-4-12
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 1kV
Harmonic Current Emission
IEC/EN 61000-3-2, Class A
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
1) Criteria A: Normal performance within the specification limits
2) Asymmetrical: Common mode (Line to earth)
3) Symmetrical: Differential mode (Line to line)
Block Diagram


Similar Part No. - PML-24V100W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-24V150W1AGA DELTA-PML-24V150W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V150W1AHA DELTA-PML-24V150W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-24V100W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com