Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42225-0020 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42225-0020
Description  KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 20 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42225-0020 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42225-0020 Datasheet HTML 1Page - Molex Electronics Ltd. 42225-0020 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42225-0020
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42225-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42225-0020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42225-0021 MOLEX2-42225-0021 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 21 Circuits, Tin (Sn) Plating
42225-0021 MOLEX11-42225-0021 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 21 Circuits, Tin (Sn) Plating
42225-0022 MOLEX2-42225-0022 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 22 Circuits, Tin (Sn) Plating
42225-0022 MOLEX11-42225-0022 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 22 Circuits, Tin (Sn) Plating
42225-0023 MOLEX2-42225-0023 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 23 Circuits, Tin (Sn) Plating
More results

Similar Description - 42225-0020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-3080 MOLEX11-22-28-3080 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 8 Circuits, Tin (Sn) Plating
22-28-3350 MOLEX11-22-28-3350 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 35 Circuits, Tin (Sn) Plating
22-28-3150 MOLEX11-22-28-3150 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 15 Circuits, Tin (Sn) Plating
22-28-3040 MOLEX11-22-28-3040 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating
22-28-3030 MOLEX11-22-28-3030 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 3 Circuits, Tin (Sn) Plating
22-28-3100 MOLEX11-22-28-3100 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 10 Circuits, Tin (Sn) Plating
22-28-3210 MOLEX11-22-28-3210 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 21 Circuits, Tin (Sn) Plating
22-28-3310 MOLEX11-22-28-3310 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 31 Circuits, Tin (Sn) Plating
22-28-3070 MOLEX11-22-28-3070 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 7 Circuits, Tin (Sn) Plating
22-28-3120 MOLEX11-22-28-3120 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 12 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com