Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MBH50-060 Datasheet(PDF) 3 Page - Fuji Electric

Part # 1MBH50-060
Description  Fuji Discrete Package IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MBH50-060 Datasheet(HTML) 3 Page - Fuji Electric

  1MBH50-060 Datasheet HTML 1Page - Fuji Electric 1MBH50-060 Datasheet HTML 2Page - Fuji Electric 1MBH50-060 Datasheet HTML 3Page - Fuji Electric 1MBH50-060 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
50
100
10
100
1000
t
f
t
r
t
off
t
on
Switching Time vs. R
G
V
CC=300V, I C=50A, V GE =±15V, T j=25°C
Gate Resistance : R
G
[
]
0
50
100
10
100
1000
t
f
t
r
t
off
t
on
Switching Time vs. R
G
V
CC=300V, I C=50A, V GE =±15V, T j=125°C
Gate Resistance : R
G
[
]
0
5
10
15
20
25
30
35
0,01
0,1
1
10
C
res
C
oes
C
ies
Capacitance vs. Collector-Emitter Voltage
T
j=25°C
Collector-Emitter Voltage : V
CE
[V]
0
50
100
150
200
250
300
0
100
200
300
400
500
Gate Charge :
Q
G
[nQ]
0
5
10
15
20
25
V
CC =200V, 300V, 400V
Dynamic Input Characteristics
T
j=25°C
0
20
40
60
80
100
0
100
200
300
400
25°C
125°C
Reverse Recovery Time vs. Forward Current
V
R=200V,
-di
/
dt=100A/µsec
Forward Current : I
F
[A]
0
20
40
60
80
100
0
5
10
15
25°C
125°C
Reverse Recovery Current vs. Forward Current
V
R=200V,
-di
/
dt=100A/µsec
Forward Current : I
F
[A]


Similar Part No. - 1MBH50-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH50-060 FUJI-1MBH50-060 Datasheet
233Kb / 5P
   600V / 50A Molded Package
1MBH50-060 FUJI-1MBH50-060_01 Datasheet
233Kb / 5P
   600V / 50A Molded Package
More results

Similar Description - 1MBH50-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBC03-120 FUJI-1MBC03-120 Datasheet
224Kb / 4P
   Fuji Discrete Package IGBT
1MBH15-120 FUJI-1MBH15-120 Datasheet
223Kb / 4P
   Fuji Discrete Package IGBT
1MB05D-120 FUJI-1MB05D-120 Datasheet
270Kb / 5P
   Fuji Discrete Package IGBT
1MBC10D-060 FUJI-1MBC10D-060 Datasheet
266Kb / 5P
   Fuji Discrete Package IGBT
1MB08D-120 FUJI-1MB08D-120 Datasheet
279Kb / 5P
   Fuji Discrete Package IGBT
1MBH15D-120 FUJI-1MBH15D-120 Datasheet
268Kb / 5P
   Fuji Discrete Package IGBT
1MBH30D-060 FUJI-1MBH30D-060 Datasheet
272Kb / 5P
   Fuji Discrete Package IGBT
1MBC05D-060 FUJI-1MBC05D-060 Datasheet
263Kb / 5P
   Fuji Discrete Package IGBT
1MBH25-120 FUJI-1MBH25-120 Datasheet
169Kb / 4P
   Fuji Discrete Package IGBT
1MBC10-060 FUJI-1MBC10-060 Datasheet
166Kb / 4P
   Fuji Discrete Package IGBT
1MBC15-060 FUJI-1MBC15-060 Datasheet
233Kb / 4P
   Fuji Discrete Package IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com