Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM48H Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM48H
Description  Telephone Slide,Miniature Bayonet Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM48H Datasheet(HTML) 1 Page - Visual Communications Company

  CM48H Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-2 Telephone Slide Base - Type 3
T-2 Miniature Bayonet Base
CC -7A
5,000
1,200
.025
120.0
C M8-967
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M6MB
C M12MB
C M24MB
C M28MB
C M48MB
C M60MB
C M120MB
120.0
60.0
48.0
28.0
24.0
12.0
6.0
.025
.050
.053
.040
.073
.170
.140
1,200
2,200
1,800
1,600
3,000
2,000
550
5,000
7,500
10,000
5,000
10,000
12,000
20,000
CC -7A
C -7A
C -7A
C -2F
C -2F
C -2F
C -2V
MAX .
.325
MAX .
1.19
C -7A
C -7A
C -7A
C -7A
C -7A
C -7A
5,000
5,000
20,000
7,000
10,000
5,000
1,000
800
100
400
2,200
2,000
.045
.052
.021
.035
.100
.072
48.0
48.0
48.0
48.0
48.0
48.0
C M48H
C M48G
C M48D
C M48C
C M48B
C M48A
C M32B
C M30B
C M35A
C M35B
C M35C
C M40A
C M44A
44.0
40.0
35.0
35.0
35.0
35.0
32.0
.072
.072
.100
.072
.040
.100
.040
1,250
480
750
700
1,000
3,000
1,600
1,000
5,000
5,000
5,000
7,500
4,000
3,500
C -7A
C -7A
C -7A
C -7A
C -2F
C -7A
C -2F
C -7A
C -7A
5,000
5,000
1,400
1,800
.050
.100
55.0
55.0
C M55C
C M55B
C -7A
5,000
1,600
.050
60.0
C M60A
C -7A
C -2F
C -2F
C -2F
C -2F
C -7A
C -2F
5,000
7,000
7,000
10,000
8,000
3,000
4,000
1,500
600
1,120
100
600
2,000
1,000
.100
.035
.090
.020
.035
.072
.038
24.0
24.0
24.0
24.0
24.0
30.0
30.0
C M30C
C M30A
C M24X
C M24H
C M24F
C M24E
C M24D
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX .
1.688
MAX .
.270
MAX .
.275


Similar Part No. - CM48H

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM48H CML-CM48H Datasheet
220Kb / 1P
   T-2 Telephone Slide Base - Type 3
More results

Similar Description - CM48H

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM18ESB VCC-CM18ESB Datasheet
36Kb / 1P
   Telephone Slide Base
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
List of Unclassifed Man...
WL-18606132 ETC2-WL-18606132 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
logo
Chicago Miniature Lamp,...
CM24D CML-CM24D Datasheet
220Kb / 1P
   T-2 Telephone Slide Base - Type 3
CM49 CML-CM49 Datasheet
218Kb / 1P
   T-3 1/4 Miniature Bayonet Base
CM1826 CML-CM1826 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
CM427 CML-CM427 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
CM18ESB CML-CM18ESB Datasheet
222Kb / 1P
   T-2 Telephone Slide Base - Type 5 (short)
logo
Visual Communications C...
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
   Bayonet Base, Screw Base
CM1826 VCC-CM1826 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com