Electronic Components Datasheet Search |
|
B12B-ZR-SM4-TF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
B12B-ZR-SM4-TF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page ZH CONNECTOR 4.0 0.5 2.2 1.0 1.4 1.1 Material and Finish Model No. Applicable wire Q'ty / reel mm2 AWG# Insulation O.D. (mm) 0.8∼1.1 0.5∼0.9 28∼26 32∼28 0.08 ∼0.13 0.032∼0.08 SZH-002T-P0.5 SZH-003T-P0.5 Phosphor bronze, tin-plated (reflow treatment) 13,000 16,000 B A 1.5 1.5 3.4 Circuits Model No. Dimensions (mm) Q'ty / bag AB Material PA 66, UL94V-0, natural (white) 2 3 4 5 6 6 7 8 9 10 11 12 13 ZHR-2 ZHR-3 ZHR-4 ZHR-5 ZHR-6 ZHR-6(3.0) ZHR-7 ZHR-8 ZHR-9 ZHR-10 ZHR-11 ZHR-12 ZHR-13 1.5 3.0 4.5 6.0 7.5 15.0 9.0 10.5 12.0 13.5 15.0 16.5 18.0 4.5 6.0 7.5 9.0 10.5 18.0 12.0 13.5 15.0 16.5 18.0 19.5 21.0 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 Contact Crimping machine AP-K2N MKS-L ― MK/SZH-002-05 ― Applicator Crimp applicator Dies APLMK SZH002-05 ― Crimp applicator with dies SZH-002T-P0.5 Contact Crimping machine AP-K2N MKS-L *MKS-SC MK/SZH-003-05 SC/SZH-003-05 Applicator Crimp applicator Dies APLMK SZH003-05 APLSC SZH003-05 Crimp applicator with dies SZH-003T-P0.5 Contact RoHS compliance Housing <For reference> As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. ZHR-2-oo- (blank)…natural (white) K…black R…red E…blue M…green RoHS compliance Note: 1. ZHR-6(3.0) is 6 circuits 3.0mm pitch plugged up. As for this housing, only circuit No.1 is marked. 2. ZHR-6(3.0) is not UL/CSA/TÜV approved. B A φ0.5 1.5 1.5 4.6 1.4 Circuits Model No. Dimensions (mm) AB Material and Finish Top entry type Top entry type Side entry type Side entry type Side entry type-3.4 Q'ty / box Pin: Brass, copper-undercoated, tin-plated (reflow treatment) Wafer: Glass-filled PA 66, UL94V-0, natural (ivory) 2 3 4 5 6 7 8 9 10 11 12 13 B2B-ZR B3B-ZR B4B-ZR B5B-ZR B6B-ZR B7B-ZR B8B-ZR B9B-ZR B10B-ZR B11B-ZR B12B-ZR B13B-ZR S2B-ZR S3B-ZR S4B-ZR S5B-ZR S6B-ZR S7B-ZR S8B-ZR S9B-ZR S10B-ZR S11B-ZR S12B-ZR S13B-ZR 1.5 3.0 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0 16.5 18.0 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0 16.5 18.0 19.5 21.0 2,000 2,000 2,000 2,000 2,000 1,000 1,000 1,000 1,000 1,000 1,000 500 2,000 2,000 2,000 1,000 1,000 1,000 1,000 1,000 1,000 500 500 500 2,000 1,000 2,000 1,000 1,000 1,000 1,000 1,000 1,000 500 500 500 Note) Top entry type Note) Side entry type B2B-ZR-3.4 B3B-ZR-3.4 B4B-ZR-3.4 B5B-ZR-3.4 B6B-ZR-3.4 B7B-ZR-3.4 B8B-ZR-3.4 B9B-ZR-3.4 B10B-ZR-3.4 B11B-ZR-3.4 B12B-ZR-3.4 B13B-ZR-3.4 S2B-ZR-3.4 S3B-ZR-3.4 S4B-ZR-3.4 S5B-ZR-3.4 S6B-ZR-3.4 S7B-ZR-3.4 S8B-ZR-3.4 S9B-ZR-3.4 S10B-ZR-3.4 S11B-ZR-3.4 S12B-ZR-3.4 S13B-ZR-3.4 A 1.5 B 3.5 2.2 B 3.5 2.2 A φ0.5 1.5 1.5 Through-hole type shrouded header RoHS compliance This product displays (LF)(SN) on a label. Note: Headers with 3.4mm long solder tails, suited for the 1.6mm thick PC board. <For reference> As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. B2B-ZR-3.4-oo- (blank)…natural (ivory) K…black R…red E…blue M…green Note: *Strip-crimp applicator. Side entry type Top entry type (2 circuits) (3 circuits or more) 17 |
Similar Part No. - B12B-ZR-SM4-TF |
|
Similar Description - B12B-ZR-SM4-TF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |