Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

254876 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 254876
Description  F04 MSpeed BlindMate 50 SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

254876 Datasheet(HTML) 1 Page - ERNI Electronics

  254876 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6µm
Terminal Area 4-6µm tin plating
Koplanarität der Anschlüsse 0,1mm
Coplanarity Area of Termination 0,1mm
Abspulrichtung -
Reel off Direction
330
150
44,5
Tape on Reel Packaging
Verpackungseinheit: 400 Stück -
Verpackt in Gurtverpackung
-
Packaging unit: 400 pcs
1.) Durchmesser des Bohrers /
Drill tool
Ansaughaube
hood
26
0,6
6,5
0,5
PCB-Layout Proposal
1.)
Leiterplatten-Layout Vorschlag /
1.)
0,85
±0,03
0,5
24
3
8 x 3 =
26
0,7
±0,03
1
24 x 1 = 24
1
0,85
0,8
0,9
a1
16
a25
a1
b1
b25
25,3
27,4
1
24 x 1 = 24
5,5
0,8
4,15
I
Class
A3
prior notice.
contact one of the ERNI companies
Date
01.09.2010
b
Index
MSPEED
F04 MSpeed BlindMate 50 SMD
254876
5:1
Information:
Tolerances
before using.
Drawing will not be updated.
All Dimensions
www.ERNI.com
Scale
Subject to modification without
Designation
in mm
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please


Similar Part No. - 254876

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254878 ERNI-254878 Datasheet
413Kb / 1P
   FEDERLEISTE B 64 EE
More results

Similar Description - 254876

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100101750001 ERNI-100101750001 Datasheet
133Kb / 1P
   F04 MSpeed BlindMate 50 SMD
101200560001 ERNI-101200560001 Datasheet
134Kb / 1P
   F04 MSpeed BlindMate 50 SMD
DC0000099 ERNI-DC0000099 Datasheet
97Kb / 1P
   F04 MSpeed BlindMate 50 SMD
DC0000098 ERNI-DC0000098 Datasheet
102Kb / 1P
   F04 MSpeed BlindMate 50 SMD
100101780001 ERNI-100101780001 Datasheet
127Kb / 1P
   F04 MSpeed BlindMate 50 THR
101600560001 ERNI-101600560001 Datasheet
129Kb / 1P
   F04 MSpeed BlindMate 50 THR
354175 ERNI-354175 Datasheet
97Kb / 1P
   F04 MSpeed BlindMate 50 THR
DC0000101 ERNI-DC0000101 Datasheet
98Kb / 1P
   F06 MSpeed BlindMate 50 SMD
DC0000102 ERNI-DC0000102 Datasheet
105Kb / 1P
   F08 MSpeed BlindMate 50 SMD
100100750002 ERNI-100100750002 Datasheet
135Kb / 1P
   F06 MSpeed BlindMate 50 SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com