Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-13TOPS-24VD-T2S-0 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-13TOPS-24VD-T2S-0
Description  MULTI LAMPS LED BULB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-13TOPS-24VD-T2S-0 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-13TOPS-24VD-T2S-0 Datasheet HTML 1Page - A-BRIGHT Inc AB-13TOPS-24VD-T2S-0 Datasheet HTML 2Page - A-BRIGHT Inc AB-13TOPS-24VD-T2S-0 Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
11/27/2009
3
Part No.: AB-13TOPS-24VD-T2S-0
Multi Lamps LED Bulb
FEATURE:
SUPER LUMINOSITY SUNSET WHITE LED (InGaN).
WATER CLEAR PACKAGE.
3 CHIPS TOP VIEW LED.
WIDE VIEWING ANGLE.
WEDGE BASE T20.
ELECTRIC DC.
MATERIALS:
LED LENS: UV RESISTENT EPOXY
ABSOLUTE MAXIMUM RATING:
Ta = 25 ℃
PEAK OPERATE VOLTAGE........................
28 V
OPERATING TEMPERATURE......................
-25 TO +85℃
STORAGE TEMPERATURE.........................
-35 TO +100℃
LED BULB LIFE………………………………..
20000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC
Ta= 25℃
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operate Voltage
V
-----
24
-----
V
IF= 30 mA
7300
10000
-----
Luminous Intensity
IF= 90 mA
I V
22000
31000
-----
mcd
X
-----
0.45
-----
-----
Chromaticity Coordinates
IF= 90 mA
Y
-----
0.41
-----
-----
Forward Current
VIN= 24 V DC
IF
-----
90
-----
mA
Viewing Angle
2
θ1/2
-----
360
-----
deg


Similar Part No. - AB-13TOPS-24VD-T2S-0

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-13TOPS-24VD-T2S-0 A-BRIGHT-AB-13TOPS-24VD-T2S-0 Datasheet
78Kb / 3P
   Multi Lamps LED Bulb
11/27/2009
AB-13TOPS-24VD-T2S-0 A-BRIGHT-AB-13TOPS-24VD-T2S-0_15 Datasheet
78Kb / 3P
   MULTI LAMPS LED BULB
11/27/2009
More results

Similar Description - AB-13TOPS-24VD-T2S-0

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-33R1-12V-E A-BRIGHT-AB-33R1-12V-E Datasheet
176Kb / 3P
   MULTI LAMPS LED BULB
2/9/2007
AB-33R1-24V-E A-BRIGHT-AB-33R1-24V-E Datasheet
176Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-33TR-110V-E12 A-BRIGHT-AB-33TR-110V-E12 Datasheet
187Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-33W2-12V-E A-BRIGHT-AB-33W2-12V-E Datasheet
190Kb / 4P
   MULTI LAMPS LED BULB
2/9/2007
AB-125TYA-24V0-B20-0 A-BRIGHT-AB-125TYA-24V0-B20-0 Datasheet
192Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-1851G0-28VD-B1G-0 A-BRIGHT-AB-1851G0-28VD-B1G-0 Datasheet
194Kb / 3P
   MULTI LAMPS LED BULB
5/3/2007
AB-1851R0-28VD-B1G-0 A-BRIGHT-AB-1851R0-28VD-B1G-0 Datasheet
194Kb / 3P
   MULTI LAMPS LED BULB
5/3/2007
AB-33Y6-24V-E A-BRIGHT-AB-33Y6-24V-E Datasheet
183Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-065B40-12V0-B1G-0 A-BRIGHT-AB-065B40-12V0-B1G-0 Datasheet
191Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-65W2-4 A-BRIGHT-AB-65W2-4 Datasheet
191Kb / 4P
   MULTI LAMPS LED BULB
5/15/2006
AB-73W3-3VD-P A-BRIGHT-AB-73W3-3VD-P Datasheet
192Kb / 4P
   MULTI LAMPS LED BULB
10/30/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com