Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-0603F100 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603F100
Description  SF-0603F Series - Fast Acting Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603F100 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603F100 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single blow fuse for overcurrent
protection
1608 (EIA 0603) miniature footprint
Fast-acting fuse
UL listed
RoHS compliant* and halogen free**
Thin film chip fuse
Surface mount packaging for automated
assembly
Electrical Characteristics
SF-0603F Series - Fast Acting Surface Mount Fuses
* RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
** Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is:
Bromine (Br) content:
≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
***Resistance value was measured with less than 10 % of rated current.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity ..................................... No fusing....................................................Rated current, 4 hours
Fusing Time .............................................. Within 1 minute ..........................................200 % of its rated current
Interrupting Ability ..................................... No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test............................................. No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................ ±20 %.........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability .............................................. 95 % coverage minimum ...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise ..................................... <75 ° ..........................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat............................. ±20 %.........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent............................... No evident damage on protective ..............23 °C ±5 °C of isopropyl alcohol, 90 seconds coating
and marking
Residual Resistance................................. 10k W or more ...........................................Measure DC resistance after fusing
Thermal Shock ......................................... DR < 10 % .................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
SF - 0603 F 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1608 (EIA 0603) size
Fuse Blow Type
F = Fast acting
S = Slow blow
Rated Current
050-500 (500 mA - 5.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
Model
Rated Current
(Amps)
Fusing Time
Resistance
(m
Ω) Typ.***
Rated Voltage
Breaking Capacity
Typical
I2t (A2s)
SF-0603F050
0.50
Open within 1 min.
at 200 % rated
current
250
DC 50 V
DC 50 V
50 A
0.005
SF-0603F063
0.63
173
DC 32 V
DC 32 V
50 A
0.007
SF-0603F080
0.80
115
0.014
SF-0603F100
1.00
88
0.016
SF-0603F125
1.25
63
0.027
SF-0603F150
1.50
45
0.037
SF-0603F160
1.60
42
0.041
SF-0603F200
2.00
33
0.044
SF-0603F250
2.50
24
DC 24 V
DC 24 V
50 A
0.055
SF-0603F300
3.00
21
0.082
SF-0603F315
3.15
19
0.089
SF-0603F400
4.00
15
DC 32 V
DC 32 V
50 A
0.239
SF-0603F500
5.00
12
0.433
RATING CURRENT (A)
F = 0.50
I = 0.63
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
Y = 5.00
SinglFuseSF-0603F Series Features
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - SF-0603F100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F100 BOURNS-SF-0603F100 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
More results

Similar Description - SF-0603F100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
   SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com