Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PML-D1V100W1AAA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # PML-D1V100W1AAA
Description  PMT Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-D1V100W1AAA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button PML-D1V100W1AAA Datasheet HTML 4Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 5Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 6Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 7Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 8Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 9Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 10Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 11Page - Delta Electronics, Inc. PML-D1V100W1AAA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
12V / 5V 100W Dual Output / PMT-D1V100W1A
□□
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (October 2013, Rev. 00)
11
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated when output current (I1) exceeds
110-150% of IO (Max load). In such occurrence, the V1 will start
to droop and once the power supply has reached its maximum
power limit, the protection is activated and the power supply will
go into “Hiccup mode” (Auto-Recovery). The power supply will
recover once the fault condition of the OLP and OCP is removed
and IO is back within the specifications.
It is not recommended to prolong the duration of IO when it is
<110-150% but >100%, since it may cause damage to the PSU.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage (V1) shall not
exceed its specifications defined on Page 3 under “Protections”.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). In the event of a higher operating
temperature at 100% load, the power supply will run into OTP
when the operating temperature is beyond what is recommended
in the de-rating graph. When activated, the output voltage will go
into bouncing mode until the temperature drops to its normal
operating temperature as recommended in the de-rating graph.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Others
Delta RoHS Compliant
Restriction of the usage of hazardous substances
The European directive 2011/65/EU limits the maximum impurity level of homogeneous materials such as lead,
mercury, cadmium, chrome, polybrominated flame retardants PBB and PBDE for the use in electrical and
electronic equipment. RoHS is the abbreviation for “Restriction of the use of certain hazardous substances in
electrical and electronic equipment”.
This product conforms to this standard.
PFC – Norm EN 61000-3-2
Line Current Harmonic content
Typically, the input current waveform is not sinusodial due to the periodical peak charging of the input capacitor.
In industrial environment, complying with EN 61000-3-2 is only necessary under special conditions. Complying
to this standard can have some technical drawbacks, such as lower efficiency as well as some commercial
aspects such as higher purchasing costs. Frequently, the user does not profit from fulfilling this standard,
therefore, it is important to know whether it is mandatory to meet this standard for a specific application.


Similar Part No. - PML-D1V100W1AAA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AAA DELTA-PML-12V150W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AGA DELTA-PML-12V150W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AHA DELTA-PML-12V150W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-D1V100W1AAA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com