Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SA54001NNH Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # Q48SA54001NNH
Description  Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SA54001NNH Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button Q48SA54001NNH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 9Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 10Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 11Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 12Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 13Page - Delta Electronics, Inc. Q48SA54001NNH Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS_Q48SA54001_05172013
11
MECHANICAL DRAWING (WITHOUT HEAT SPREADER)
Pin No.
Name
Function
1
2
3
4
5
6
7
8
9
+Vin
ON/OFF
Case
-Vin
-Vout
-Sense
Trim
+Sense
+Vout
Positive input voltage
Remote ON/OFF
Optional
Negative input voltage
Negative output voltage
Negative remote sense
Output voltage trim
Positive remote sense
Positive output voltage
Pin Specification:
Pins 1-4,6-8
1.00
mm (0.040”) diameter
Pins 5 & 9
2. 1.50mm (0.059
”) diameter
All pins are copper with Tin plating.


Similar Part No. - Q48SA54001NNH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SA54001NNH DELTA-Q48SA54001NNH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
More results

Similar Description - Q48SA54001NNH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com