Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3462-E01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SI3462-E01
Description  SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3462-E01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI3462-E01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Si3462
Rev. 1.0
7
Classification
Current Region
ICLASS_REGION
Class 0
0
5
mA
Class 1
8
13
mA
Class 2
16
21
mA
Class 3
25
31
mA
Class 4
35
45
mA
Mark Voltage6
VMARK
78.5
10
V
Mark Current6
IMARK_LIM
Short circuit
9
mA
Protection and Current Control
Overload Current
Threshold2,3
ICUT
Class 0 and
Class 4 PoE
15,400/VOUT
16,170/VOUT
17,600/VOUT
mA
Class 1
4,000/VOUT
4,200/VOUT
4,600/VOUT
mA
Class 2
7,000/VOUT
7,350/VOUT
8,000/VOUT
mA
Class 3
15,400/VOUT
16,170/VOUT
17,600/VOUT
mA
Class 4 PoE+
30,000/VOUT
31,500/VOUT
34,200/VOUT
mA
Overload Current
Limit4
ILIM
Class 0/1/2/3 and Class 4
PoE; Output = 100
 across
VOUT
400
425
450
mA
ILIM PoE+
Class 4 PoE+; Output = 50
across VOUT
684
750
825
mA
Overload Time
TLIM
Class 0/1/2/3 and Class 4
PoE; Output = 100
 across
VOUT
50
60
75
ms
Class 4 PoE+;
Output = 50
 across V
OUT
14
17
20
ms
Disconnect Current
IMIN
Disconnect current
5
7.5
10
mA
Efficiency
System Efficiency
(PIN @ VIN) to
(POUT @ VOUT)
93
%
Table 3. Selected Electrical Specifications (Si3462-EVB) (Continued)
Description
Symbol
Test Conditions
Min
Typ1
Max
Unit
Notes:
1. Typical specifications are based on an ambient operating temperature of 25 °C and VIN = +50 V unless otherwise
specified.
2. Absolute classification current limits are configurable. See “5.2. Classification” and "5.3. Power-Up" on page 14.
3. Typical ICUT values are adjusted according to the input voltage to provide power limiting with approximately 5% margin
against the 802.3 requirements. The maximum ICUT values are consistent with the IEEE requirement that Icut
maximum is less than 400 mA at the minimum allowed Vout of 44 V or 684 mA for PoE+ mode at the minimum allowed
Vout of 50 V.
4. Overload current is within limits, typically in less than 1 ms.
5. Classification is optional in some operating modes. Refer to Table 6 for operating modes.
6. Classification Mark is only required for Type 2/Class 4 support


Similar Part No. - SI3462-E01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si3462-E01-GM SILABS-Si3462-E01-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3462-E01-GMR SILABS-Si3462-E01-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
More results

Similar Description - SI3462-E01

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
Linear Technology
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
   4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com