Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-CNL04 Datasheet(PDF) 2 Page - OKI electronic componets

Part # SFP-CNL04
Description  Soldering and Rework System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

SFP-CNL04 Datasheet(HTML) 2 Page - OKI electronic componets

  SFP-CNL04 Datasheet HTML 1Page - OKI electronic componets SFP-CNL04 Datasheet HTML 2Page - OKI electronic componets SFP-CNL04 Datasheet HTML 3Page - OKI electronic componets SFP-CNL04 Datasheet HTML 4Page - OKI electronic componets SFP-CNL04 Datasheet HTML 5Page - OKI electronic componets SFP-CNL04 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
soldering and basic rework applications. The geometries within the range have been optimized to
deliver maximum accessibility combined with optimal thermal efficiency within a narrow cartridge
diameter.
SFP-BVL10
Bevel Cartridge, 60° 1.0mm (.04")
SFP-CH10
Chisel Cartridge, 30° 1.0mm (.04")
SFP-CH15
Chisel Cartridge, 30° 1.5mm (.06")
SFP-CH20
Chisel Cartridge, 30° 2.0mm (.08")
SFP-CH25
Chisel Cartridge, 30° 2.5mm (.10")
SFP-CH50
Chisel Cartridge, 30° 5.0mm (.20")
SFP-CHB15
Chisel Cartridge, 30° Bent 1.5mm (.06")
SFP-CHL20
Chisel Cartridge, 60° Long Reach 2.0mm (.08")
SFP-CN04
Conical Cartridge, 0.4mm (.016")
With hand soldering, the task is to make a
quality solder connection, without damaging the
substrate and without negatively impacting
throughput. All of the standard MFR Series power
tips & rework cartridges are designed for use
with glass fiber (FR4) PCB substrates. This is
denoted by the second letter in the part
number: "
F". For example: SFP-CH10, DFP-CN3,
and S
FV-CNL10.
However, some specialist applications require
working with thermally demanding or
temperature sensitive substrates, such as
ceramic hybrids or flexible circuits. OK
International has developed specialty heaters
that quickly deliver the necessary power, but
operate at temperatures that minimize the risk
of substrate damage. These are denoted by
replacing the "
F" in the part number with a "T"
for temperature sensitive or a "
C" for demanding
loads. Please contact your local representative
for information and availability of specialty tip
heaters. For example: S
TP-CH10 and DCP-CN3.
F = Standard FR4 Substrate
T = Temperature
Sensitive
C = Ceramic or Heavy Load


Similar Part No. - SFP-CNL04

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-CXASI-RX MRV-SFP-CXASI-RX Datasheet
340Kb / 5P
   Digital Video SFPs
SFP-CXASI-TX MRV-SFP-CXASI-TX Datasheet
340Kb / 5P
   Digital Video SFPs
SFP-CXDV-RX27 MRV-SFP-CXDV-RX27 Datasheet
340Kb / 5P
   Digital Video SFPs
SFP-CXDV-TX27 MRV-SFP-CXDV-TX27 Datasheet
340Kb / 5P
   Digital Video SFPs
More results

Similar Description - SFP-CNL04

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
M/A-COM Technology Solu...
AN3025 MA-COM-AN3025 Datasheet
34Kb / 2P
   Transistor Mounting and Soldering
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
   Soldering Tips and Nozzles
logo
SparkFun Electronics
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
   Hot?륚ir Rework Station ??303D
1??1??8
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com