Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFV6R-12ST Datasheet(PDF) 5 Page - FCI connector

Part # SFV6R-12ST
Description  0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

SFV6R-12ST Datasheet(HTML) 5 Page - FCI connector

  SFV6R-12ST Datasheet HTML 1Page - FCI connector SFV6R-12ST Datasheet HTML 2Page - FCI connector SFV6R-12ST Datasheet HTML 3Page - FCI connector SFV6R-12ST Datasheet HTML 4Page - FCI connector SFV6R-12ST Datasheet HTML 5Page - FCI connector SFV6R-12ST Datasheet HTML 6Page - FCI connector SFV6R-12ST Datasheet HTML 7Page - FCI connector SFV6R-12ST Datasheet HTML 8Page - FCI connector SFV6R-12ST Datasheet HTML 9Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PDM: Rev:C
Released
.
STATUS:
Printed: Dec 18, 2007


Similar Part No. - SFV6R-12ST

ManufacturerPart #DatasheetDescription
logo
FCI connector
SFV6R-12ST FCI-CONNECTOR-SFV6R-12ST Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - SFV6R-12ST

ManufacturerPart #DatasheetDescription
logo
FCI connector
SFV24R-1STE1 FCI-CONNECTOR-SFV24R-1STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV15R-2STE1LF FCI-CONNECTOR-SFV15R-2STE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV12LF FCI-CONNECTOR-SFV12LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV34R-2STE1 FCI-CONNECTOR-SFV34R-2STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV10R-2STE1 FCI-CONNECTOR-SFV10R-2STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV30R-3STE1LF FCI-CONNECTOR-SFV30R-3STE1LF Datasheet
676Kb / 8P
   0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
SFV30R-2STAE1LF FCI-CONNECTOR-SFV30R-2STAE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
SFV24R-1STE9LF FCI-CONNECTOR-SFV24R-1STE9LF Datasheet
724Kb / 9P
   0.5MM SPACING FPC/FFC CONNECTOR DOCUMENT LIST (CAT.NO.SFV-R-1/2STE9LF)
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFW6R-2STE9LF FCI-CONNECTOR-SFW6R-2STE9LF Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com