Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SG12034NRFG Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # Q48SG12034NRFG
Description  Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SG12034NRFG Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button Q48SG12034NRFG Datasheet HTML 3Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 4Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 5Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 6Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 7Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 8Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 9Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 10Page - Delta Electronics, Inc. Q48SG12034NRFG Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DS_Q48SG12034_06272013
7
ELECTRICAL CHARACTERISTICS CURVES
Vo(-)
Vo(+)
10u
1u
Copper
Strip
SCOPE
RESISTIVE
LOAD
Figure 13: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div, 5us/div).
Figure 14: Output voltage noise and ripple measurement test
setup
Figure 15: Output voltage ripple at nominal input voltage and
rated load current (50 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module.


Similar Part No. - Q48SG12034NRFG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12034NRFG DELTA-Q48SG12034NRFG Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
More results

Similar Description - Q48SG12034NRFG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com