Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA01D Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # SA01D
Description  1W DC/DC CONVERTER, SMD-Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SA01D Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  SA01D_14 Datasheet HTML 1Page - Delta Electronics, Inc. SA01D_14 Datasheet HTML 2Page - Delta Electronics, Inc. SA01D_14 Datasheet HTML 3Page - Delta Electronics, Inc. SA01D_14 Datasheet HTML 4Page - Delta Electronics, Inc. SA01D_14 Datasheet HTML 5Page - Delta Electronics, Inc. SA01D_14 Datasheet HTML 6Page - Delta Electronics, Inc. SA01D_14 Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS_SA01D_11202013
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Reel Taping Package
Packaging Specifications
All dimensions in mm
Tolerance: ±0.1
Part Numbering System
S
A
01
D
05
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P6
2.2
29.1


Similar Part No. - SA01D_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D0505A DELTA-SA01D0505A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
SA01D0509A DELTA-SA01D0509A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
SA01D0512A DELTA-SA01D0512A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
SA01D0515A DELTA-SA01D0515A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
SA01D0524A DELTA-SA01D0524A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
More results

Similar Description - SA01D_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01S DELTA-SA01S Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com