Electronic Components Datasheet Search |
|
S2010L Datasheet(PDF) 9 Page - Littelfuse |
|
S2010L Datasheet(HTML) 9 Page - Littelfuse |
9 / 12 page Data Sheets SCRs ©2004 Littelfuse, Inc. E6 - 9 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Figure E6.13 Maximum Allowable Case Temperature versus Average On-state Current (10 A through 20 A) Figure E6.14 Maximum Allowable Case Temperature versus Average On-state Current (25 A and 35 A) Figure E6.15 Maximum Allowable Case Temperature versus Average On-state Current (40 A through 70 A) Figure E6.16 Maximum Allowable Case Temperature versus Average On-state Current (55 A and 65 A) Figure E6.17 Normalized dc Holding Current versus Case Temperature Figure E6.18 Normalized DC Gate-Trigger Current versus Case Temperature 024 6 8 10 12 14 50 60 70 80 90 100 110 120 130 Average On-state Current [I T(AV)] – Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measured as shown on dimensional drawings 20 A TO-220 (Isolated) 15 A TO-220 (Isolated) 10 A TO-220 (Non-isolated) 16 A TO-220 (Non-isolated) and TO-263 0 .4 8 12 16 20 24 50 60 70 80 90 100 110 120 130 Average On-state Current [IT(AV)] – Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measure as shown on dimensional drawings 35 A TO-218 (Isolated) 25A TO-220 (Non-isolated) and TO-263 25A TO-220 (Isolated) 0 1020304050 50 60 70 80 90 100 110 120 130 Average On-state Current [I T(AV)] – Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measure as shown on dimensional drawings 70 A TO-218X (Non-isolated) 40 A TO-220 (Non-isolated) and TO-263 55 A TO-218X (Non-isolated) 65 A TO-218X (Isolated) 0 1020304050 50 60 70 80 90 100 110 120 130 Average On-state Current [I T(AV)] – Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measure as shown on dimensional drawings 55 A TO-218AC (Non-isolated) * * The R, K, or M package rating is intended only for high surge condition use and is not recommended for >32 A (AV) continuous current use since narrow pin lead temperature can exceed PCB solder melting temperature. J or W packages are recommended for >32 A (AV) continuous current requirements. 55 A TO-220 (Non-isolated) and TO-263 * 65 A TO-218AC (Isolated) * -40 -15 +25 +65 +105 +125 0 .5 1.0 1.5 2.0 Case Temperature (TC) – ˚C INITIAL ON-STATE CURRENT = 200 mA dc for 1 A to 20 A Devices and 400 mA dc for 25 A to 70 A Devices -40 -15 +25 +65 +105 +125 0 0.5 1.0 1.5 2.0 Case Temperature (T C) – ˚C |
Similar Part No. - S2010L |
|
Similar Description - S2010L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |