Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHF25-08IO7 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VHF25-08IO7
Description  Single Phase Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHF25-08IO7 Datasheet(HTML) 2 Page - IXYS Corporation

  VHF25-08IO7 Datasheet HTML 1Page - IXYS Corporation VHF25-08IO7 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
Dimensions in mm (1 mm = 0.0394")
Symbol
Test Conditions
Characteristic Values
I
D, IR
T
VJ = TVJM; VR = VRRM; VD = VDRM
£
5mA
V
T
I
T
= 20 A; T
VJ = 25°C
£
1.6
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.85
V
r
T
27
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.5
V
T
VJ = -40°C
£
2.5
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
25
mA
T
VJ = -40°C
£
50
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
£
3mA
I
L
T
VJ = 25°C; tP = 10 ms
£
75
mA
I
G = 0.1 A; diG/dt = 0.1 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
50
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.1 A; diG/dt = 0.1 A/ms
R
thJC
per thyristor; DC
1.3
K/W
per module
0.22
K/W
R
thJK
per thyristor; DC
1.8
K/W
per module
0.3
K/W
d
S
Creeping distance on surface
11.2
mm
d
A
Creepage distance in air
9.5
mm
a
Max. allowable acceleration
50
m/s2
VHF 25


Similar Part No. - VHF25-08IO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHF25-08io7 IXYS-VHF25-08io7 Datasheet
184Kb / 2P
   Single Phase Rectifier Bridge
More results

Similar Description - VHF25-08IO7

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com