Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC3R320NNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # V48SC3R320NNFA
Description  66W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC3R320NNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  V48SC3R320NNFA Datasheet HTML 1Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 2Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 3Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 4Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 5Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
V48SC3R320
66W DC/DC Power Modules
DS_V48SC3R320_06262013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
High efficiency : 91.0% @ 3.3V/20A
Size:
Without heat spreader
33.0mm*22.8mm*9.5mm(1.30
”*0.90”0.37”)
With heat spreader
33.0mm*22.8mm*12.7mm(1.30
”*0.90”0.50”)
Industry standard pin out and footprint
Fixed frequency operation
Input UVLO
Hiccup output over current protection (OCP)
Hiccup output over voltage protection (OVP)
Auto recovery OTP
Monotonic startup into normal and pre-biased
loads
1500V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada) recognized
Delphi Series V48SC, Sixteenth Brick
Family
DC/DC Power Modules:
36~75V in, 3.3V/20A out, 66W
The Delphi Module V48SC3R320, sixteenth brick, 36~75V
input, single output, isolated DC/DC converter is the latest offering
from a world leader in power system and technology and
manufacturing ― Delta Electronics, Inc. This product provides up to
66 watts of power in an industry standard footprint and pin out. With
creative
design
technology
and
optimization
of
component
placement, these converters possess outstanding electrical and
thermal performances, as well as extremely high reliability under
highly stressful operating conditions. The V48SC3R320 offers more
than 91.0% high efficiency at 20A load.
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
Positive ON/OFF logic
SMD PIN
Through hole with heat spreader


Similar Part No. - V48SC3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320NNFA DELTA-V48SC3R320NNFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
More results

Similar Description - V48SC3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320 DELTA-V48SC3R320 Datasheet
966Kb / 15P
   66W DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Wall Industries,Inc.
SP48S33-66 WALL-SP48S33-66 Datasheet
227Kb / 7P
   66W DC-DC Converter
logo
Artesyn Technologies
NXA66 ARTESYN-NXA66 Datasheet
167Kb / 2P
   66W Non-isolated DC/DC Converters
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com