Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC3R320NNFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # V48SC3R320NNFA
Description  66W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC3R320NNFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  V48SC3R320NNFA Datasheet HTML 1Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 2Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 3Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 4Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 5Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS_V48SC3R320_06262013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
ELECTRICAL CHARACTERISTICS CURVES
74
76
78
80
82
84
86
88
90
92
94
2.5
5
7.5
10
12.5
15
17.5
20
OUTPUT CURRENT(A)
36Vin
48Vin
75Vin
1
2
3
4
5
6
7
8
2.5
5
7.5
10
12.5
15
17.5
20
OUTPUT CURRENT(A)
36Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for 36V, 48V, and 75V
input voltage at 25°C.
Figure 2: Power dissipation vs. load current for 36V, 48V, and
75V input voltage at 25°C.
0
0.5
1
1.5
2
2.5
3
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)
Figure 3: full load input characteristics at room temperature.


Similar Part No. - V48SC3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320NNFA DELTA-V48SC3R320NNFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
More results

Similar Description - V48SC3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320 DELTA-V48SC3R320 Datasheet
966Kb / 15P
   66W DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Wall Industries,Inc.
SP48S33-66 WALL-SP48S33-66 Datasheet
227Kb / 7P
   66W DC-DC Converter
logo
Artesyn Technologies
NXA66 ARTESYN-NXA66 Datasheet
167Kb / 2P
   66W Non-isolated DC/DC Converters
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com