Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC05013 Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # V48SC05013
Description  65W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC05013 Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  V48SC05013_14 Datasheet HTML 1Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 2Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 3Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 4Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 5Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 6Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 7Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 8Page - Delta Electronics, Inc. V48SC05013_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS_V48SC05013_06262013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (50%-75%-50% of full load; di/dt = 0.1A/µs).
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout; 100mV/div; Bottom Trace: output current:
5A/div, Time: 100us/div
Figure 9: Output voltage response to step-change in load
current (50%-75%-50% of full load; di/dt = 2.5A/µs).
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout; 200mV/div; Bottom Trace: output current:
5A/div, Time: 100us/div
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance. Measure current as shown above.
Figure 11: Input Terminal Ripple Current, ic, at max output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (100 mA/div2us/div).


Similar Part No. - V48SC05013_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC05013NKFA DELTA-V48SC05013NKFA Datasheet
698Kb / 15P
   65W DC/DC Power Modules
V48SC05013NKFH DELTA-V48SC05013NKFH Datasheet
698Kb / 15P
   65W DC/DC Power Modules
V48SC05013NMFA DELTA-V48SC05013NMFA Datasheet
698Kb / 15P
   65W DC/DC Power Modules
V48SC05013NMFH DELTA-V48SC05013NMFH Datasheet
698Kb / 15P
   65W DC/DC Power Modules
V48SC05013NNFA DELTA-V48SC05013NNFA Datasheet
698Kb / 15P
   65W DC/DC Power Modules
More results

Similar Description - V48SC05013_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC05013 DELTA-V48SC05013 Datasheet
698Kb / 15P
   65W DC/DC Power Modules
logo
MORNSUN Science& Techno...
LO65-10B05 MORNSUN-LO65-10B05 Datasheet
856Kb / 4P
   65W, AC-DC converter
MX06509DA MORNSUN-MX06509DA Datasheet
328Kb / 4P
   65W AC/DC Adapter
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
MORNSUN Science& Techno...
MW06509DA MORNSUN-MW06509DA Datasheet
331Kb / 4P
   65W AC/DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com