Electronic Components Datasheet Search |
|
ECJ2FB0J475 Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
ECJ2FB0J475 Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 6 page – EC7 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(High Capacitance) Rated VoltageDC 25 V DC 16 V DC 10 V DC 6.3 V Capaci- tance (µF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. B X7R X5R B X7R X5R B X7R X5R X5R 1 ±10 %(K) or ±20 %(M) ECJ3YB1E105 1.6 — ECJ3FB1C105 1.15✽ — 2.2 ECJ3YB1E225 1.6 —— ECJ3YB1C225 1.6 — ECJ3YB1A225 1.6 — 4.7 ECJ3YB1E475 1.6 —— ECJ3YB1C475 1.6 —— ECJ3YB1A475 1.6 —— ECJ3YB0J475 1.6 10 ECJ3YB1E106 1.6 —— ECJ3YB1C106 1.6 —— ECJ3YB1A106 1.6 —— ECJDV50J106M 0.85✽✽ 22 ECJ3YB1C226M 1.6 —— ECJ3YB1A226M 1.6 —— ECJDV50J226M 0.85✽✽ Rated VoltageDC 50 V DC 25 V DC 16 V DC 10 V Capaci- tance (µF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. BY7R BY7R BY7R BY7R 1 ±10 %(K) or ±20 %(M) ECJ3YX1H105 1.6 ECJ3YB1E105 1.6 ECJ3FB1C105 1.15✽ 2.2 ECJ3YB1C225 1.6 ECJ3YB1A225 1.6 4.7 ECJ3YX1C475 1.6 10 ECJ3YX1C106 1.6 ■ Standard Products for EIA Size “1206”, Taped Version ● Class 2 ◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R) : Capacitance tolerance code : “ ” for “K” or “M” Dimensional tolerance of L, W, T:±0.2 mm for no mark, L, W: ±0.15 mm / T: ±0.1 mm for “ ✽” mark. Standard packaging quantity of Packaging Style Code “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm): 2,000 pcs./reel Avoid flow soldering. : Capacitance tolerance code : “ ” for “K” or “M” Dimensional tolerance of L, W, T: ±0.2 mm for no mark, L, W: ±0.15 mm / T: ±0.1 mm for “ ✽” mark, L, W: ±0.2 mm / T: ±0.1 mm for “✽✽” mark. Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm) : 4,000 pcs./reel, “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm): 2,000 pcs./reel Avoid flow soldering. ◆ High Temperature Series : Temperature Characteristic Code : B, X (Temperature Characteristics : B, Y7R) Rated VoltageDC 50 V DC 25 V DC 16 V DC 10 V Capaci- tance (µF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. FF Y5V F Y5V F Y5V 1 +80, –20 %(Z) ECJ3FF1H105Z 1.15✽ ECJ3FF1E105Z 1.15✽ ECJ3VF1C105Z 0.85✽ 2.2 ECJ3FF1E225Z 1.15✽ ECJ3VF1C225Z 0.85✽ 4.7 ECJ3FF1E475Z 1.15✽ — ECJ3FF1C475Z 1.15✽ 10 ECJ3YF1E106Z 1.6 — ECJMFF1C106Z 1.15✽✽ ECJMFF1A106Z 1.15✽✽ 22 ECJMFF1A226Z 1.15✽✽ Dimensional tolerance of L, W, T:±0.2 mm for no mark, L, W: ±0.15 mm / T: ±0.1 mm for “ ✽” mark, L, W: ±0.2 mm / T: ±0.1 mm for “✽✽”. Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm): 2,000 pcs./reel Avoid flow soldering. ◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V) 02 Dec. 2008 |
Similar Part No. - ECJ2FB0J475 |
|
Similar Description - ECJ2FB0J475 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |