Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DN011 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT25DN011
Description  1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DN011 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT25DN011 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DN011 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
AT25DN011
DS-25DN011–038B–5/2014
Figure 5-1.
SPI Mode 0 and 3
5.1
Dual Output Read
The ATx features a Dual-Output Read mode that allow two bits of data to be clocked out of the device every clock cycle
to improve throughput. To accomplish this, both the SI and SO pins are utilized as outputs for the transfer of data bytes.
With the Dual-Output Read Array command, the SI pin becomes an output along with the SO pin.
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been asserted,
the host controller must then clock out a valid 8-bit opcode on the SPI bus. Following the opcode, instruction dependent
information such as address and data bytes would then be clocked out by the host controller. All opcode, address, and
data bytes are transferred with the most-significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25DN011 will be ignored by the device and no operation will be started. The device will
continue to ignore any data presented on the SI pin until the start of the next operation (CS pin being deasserted and
then reasserted). In addition, if the CS pin is deasserted before complete opcode and address information is sent to the
device, then no operation will be performed and the device will simply return to the idle state and wait for the next
operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-A0.
Since the upper address limit of the AT25DN011 memory array is 00FFFFh, address bits A23-A16 are always ignored by
the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB
Table 6-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Read Commands
Read Array
0Bh
0000 1011
Up to 104MHz
3
1
1+
03h
0000 0011
Up to 33MHz
3
0
1+
Dual Output Read
3Bh
0011 1011
Up to 50MHz
3
1
1+
Program and Erase Commands


Similar Part No. - AT25DN011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DN011 ETC2-AT25DN011 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Dialog Semiconductor
AT25DN011 DIALOG-AT25DN011 Datasheet
1Mb / 42P
   1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DN011 RENESAS-AT25DN011 Datasheet
2Mb / 41P
   1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
Dialog Semiconductor
AT25DN011-DWF DIALOG-AT25DN011-DWF Datasheet
1Mb / 42P
   1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN011-MAHF-T DIALOG-AT25DN011-MAHF-T Datasheet
1Mb / 42P
   1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
More results

Similar Description - AT25DN011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AT25DN011 RENESAS-AT25DN011 Datasheet
2Mb / 41P
   1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
Dialog Semiconductor
AT25DN011 DIALOG-AT25DN011 Datasheet
1Mb / 42P
   1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF011 RENESAS-AT25DF011 Datasheet
3Mb / 39P
   1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
3/2022
logo
Dialog Semiconductor
AT25XE011 DIALOG-AT25XE011 Datasheet
1Mb / 42P
   1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN512C DIALOG-AT25DN512C Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN256 DIALOG-AT25DN256 Datasheet
1Mb / 40P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DN256 RENESAS-AT25DN256 Datasheet
2Mb / 39P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DN512C RENESAS-AT25DN512C Datasheet
2Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
List of Unclassifed Man...
AT25DN512C ETC2-AT25DN512C_14 Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN256 ETC2-AT25DN256 Datasheet
1Mb / 39P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com