Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DN512C-SSHF-B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT25DN512C-SSHF-B
Description  512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DN512C-SSHF-B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT25DN512C-SSHF-B Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DN512C-SSHF-B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
AT25DN512C
DS-25DN512C–037C–5/2014
D8h is used for a 32-Kbyte erase. Before a Block Erase command can be started, the Write Enable command must have
been previously issued to the device to set the WEL bit of the Status Register to a logical “1” state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address within the
4- or 32-Kbyte block to be erased must be clocked in. Any additional data clocked into the device will be ignored. When
the CS pin is deasserted, the device will erase the appropriate block. The erasing of the block is internally self-timed and
should take place in a time of t
BLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded by the
device. Therefore, for a 4-Kbyte erase, address bits A11-A0 will be ignored by the device and their values can be either a
logical “1” or “0”. For a 32-Kbyte erase, address bits A14-A0 will be ignored by the device. Despite the lower order
address bits not being decoded by the device, the complete three address bytes must still be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation and no erase operation will be performed.
If the memory is in the protected state, then the Block Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the
region to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the t
BLKE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error occurs, it will be indicated by the EPE bit in the Status Register.
Figure 8-3.
Block Erase
8.4
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip Erase
command can be started, the Write Enable command must have been previously issued to the device to set the WEL bit
of the Status Register to a logical “1” state.
Three opcodes (60h, 62h, and C7h) can be used for the Chip Erase command. There is no difference in device
functionality when utilizing the three opcodes, so they can be used interchangeably. To perform a Chip Erase, one of the
three opcodes must be clocked into the device. Since the entire memory array is to be erased, no address bytes need to
be clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin is deasserted, the
device will erase the entire memory array. The erasing of the device is internally self-timed and should take place in a
time of t
CHPE.
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE


Similar Part No. - AT25DN512C-SSHF-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DN512C-SSHF-B ETC2-AT25DN512C-SSHF-B Datasheet
1Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DN512C-SSHF-B DIALOG-AT25DN512C-SSHF-B Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
More results

Similar Description - AT25DN512C-SSHF-B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DN512C DIALOG-AT25DN512C Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DN512C RENESAS-AT25DN512C Datasheet
2Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
List of Unclassifed Man...
AT25DN256 ETC2-AT25DN256 Datasheet
1Mb / 39P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Dialog Semiconductor
AT25DN256 DIALOG-AT25DN256 Datasheet
1Mb / 40P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DN256 RENESAS-AT25DN256 Datasheet
2Mb / 39P
   256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
List of Unclassifed Man...
AT25DN512C ETC2-AT25DN512C Datasheet
1Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DF512C DIALOG-AT25DF512C Datasheet
1Mb / 43P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25XE512C RENESAS-AT25XE512C Datasheet
2Mb / 41P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
Dialog Semiconductor
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF512C RENESAS-AT25DF512C Datasheet
2Mb / 42P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com