Electronic Components Datasheet Search |
|
AT25DN512C-SSHF-T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
AT25DN512C-SSHF-T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 41 page 3 AT25DN512C DS-25DN512C–037C–5/2014 WP WRITE PROTECT: The WP pin controls the hardware locking feature of the device. Please refer to “Protection Commands and Features” on page 12 for more details on protection features and the WP pin. The WP pin is internally pulled-high and may be left floating if hardware controlled protection will not be used. However, it is recommended that the WP pin also be externally connected to V CC whenever possible. Low Input HOLD HOLD: The HOLD pin is used to temporarily pause serial communication without deselecting or resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on the SI pin will be ignored, and the SO pin will be in a high-impedance state. The CS pin must be asserted, and the SCK pin must be in the low state in order for a Hold condition to start. A Hold condition pauses serial communication only and does not have an effect on internally self-timed operations such as a program or erase cycle. Please refer to “Hold” on page 27 for additional details on the Hold operation. The HOLD pin is internally pulled-high and may be left floating if the Hold function will not be used. However, it is recommended that the HOLD pin also be externally connected to VCC whenever possible. Low Input VCC DEVICE POWER SUPPLY: The VCC pin is used to supply the source voltage to the device. Operations at invalid VCC voltages may produce spurious results and should not be attempted. - Power GND GROUND: The ground reference for the power supply. GND should be connected to the system ground. - Power Table 2-1. Pin Descriptions (Continued) Symbol Name and Function Asserted State Type Figure 2-1. 8-SOIC Top View Figure 2-2. 8-TSSOP Top View Figure 2-3. 8-UDFN (Top View) 1 2 3 4 8 7 6 5 CS SO WP GND VCC HOLD SCK SI 1 2 3 4 8 7 6 5 CS SO WP GND VCC HOLD SCK SI CS SO WP GND 1 2 3 4 8 7 6 5 VCC HOLD SCK SI |
Similar Part No. - AT25DN512C-SSHF-T |
|
Similar Description - AT25DN512C-SSHF-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |